Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP831 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP831
Szczegółowy opis  Home Electronics Equipment Such As VCRS And CD Players
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP831 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP831_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP831(F)
2007-10-01
1
TOSHIBA PhotoInterrupter Infrared LED + Phototransistor
TLP831(F)
Lead(Pb)-Free
Home Electronics Equipment Such As
VCRS And CD Players
OA Equipment Such As Copiers,
Printers, And Facsimiles
Automatic Servicing Equipment
Various Position Detection Sensor
The TLP831(F) photointerrupter consists of a high
radiant power GaAs infrared LED and a Si
phototransistor.
Housed in a short lead package, this device is ideal
for automatic mounting.
• Printed wiring board direct mounting type
(with a locating pin)
• Short lead type enabling automatic mounting
: Lead length 3.4 ± 0.3mm
• Board thickness: 1.6mm or less
• Gap: 4.2mm
• Resolution: Slit width 0.5mm
• High current transfer ratio: IC / IF = 5% (min)
• High response speed: tr, tf = 15μs (typ.)
• Detector side is of visible light cut type.
• Material of the package
: Polybutylene terephthalate (UL94V−0, black color)
TOSHIBA
Weight: 0.58 g (typ.)


Podobny numer części - TLP831_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP831 TOSHIBA-TLP831 Datasheet
334Kb / 7P
   PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
More results

Podobny opis - TLP831_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP832 TOSHIBA-TLP832_07 Datasheet
253Kb / 10P
   Electronic Equipment Such As VCRS And CD Players
TLP1006A TOSHIBA-TLP1006A Datasheet
403Kb / 9P
   HOME ELECTRIC EQUIPMENT SUCH AS VCR,CD PLAYER
TLP1032 TOSHIBA-TLP1032 Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
TLP1037A TOSHIBA-TLP1037A Datasheet
152Kb / 7P
   DOMESTIC ELECTRICAL APPLIANCES SUCH AS VTRS AND CD PLAYERS
logo
Guangdong Youtai Semico...
HT75XX UMW-HT75XX Datasheet
722Kb / 10P
   Power supply equipment such as batteries
logo
Rohm
RLD78MYA1 ROHM-RLD78MYA1 Datasheet
74Kb / 3P
   CD players, CD-ROM laser diode
BH6505K ROHM-BH6505K Datasheet
209Kb / 12P
   PWM driver for CD and MD players
BA5970FP ROHM-BA5970FP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players and CD-ROMs
BA5916FP ROHM-BA5916FP Datasheet
132Kb / 8P
   4-channel BTL driver for CD players and CD-ROMs
BH6504K ROHM-BH6504K Datasheet
271Kb / 15P
   PWM driver for CD and MD players
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com