Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP831 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP831
Szczegółowy opis  Home Electronics Equipment Such As VCRS And CD Players
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP831 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP831_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP831(F)
2007-10-01
3
Opto Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10mA
1.00
1.15
1.30
V
Reverse current
IR
VR = 5V
10
μA
Peak emission wavelength
λP
IF = 10mA
940
nm
Dark current
ID (ICEO)
VCE = 24V, IF = 0
0.1
μA
Peak sensitivity
wavelength
λP
870
nm
Current transfer ratio
IC / IF
VCE = 2V, IF = 10mA
5
100
%
Collector
−emitter
saturation voltage
VCE (sat)
IF = 20mA, IC = 0.5mA
0.1
0.35
V
Rise time
tr
15
50
Fall time
tf
VCC = 5V, IC = 1mA
RL = 1kΩ (Note 2)
15
50
μs
Note 2: Switching time measurement circuit and waveform
Precautions
• When removing flux with chemicals after soldering, clean only the leads on the soldering side; do not dip the
whole package for cleaning.
Chemicals remaining on a surface of LED or phototransistor, if any, would have a bad influence to the optical
characteristics and it may severely lower the conversion efficiency.
• The environment to install the device should be determined carefully. Oil or chemicals may cause the package
to be dissolved or cracked.
• The device should be mounted on an unwrapped surface.
• Install this device as avoiding the disturbance light as possible. A visible light cut−off type phototransistor
which blocks light with frequencies of 700nm or above is used. However, the device cannot block infrared light
with a wavelength of 700nm or more, and it may do mistaken movements.
• Conversion efficiency falls over time due to the current which flows in the infrared LED.
When designing a circuit, take into account this change in conversion efficiency over time.
The ratio of fluctuation in conversion efficiency to fluctuation in infrared LED optical output is 1:1.
VOUT
VCC
IF
RL
10%
90%
IF
VOUT
tf
tr
ts
td
(0)
O
P
(t)
O
P
(0)
F
I
/
C
I
(t)
F
I
/
C
I
=


Podobny numer części - TLP831_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP831 TOSHIBA-TLP831 Datasheet
334Kb / 7P
   PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
More results

Podobny opis - TLP831_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP832 TOSHIBA-TLP832_07 Datasheet
253Kb / 10P
   Electronic Equipment Such As VCRS And CD Players
TLP1006A TOSHIBA-TLP1006A Datasheet
403Kb / 9P
   HOME ELECTRIC EQUIPMENT SUCH AS VCR,CD PLAYER
TLP1032 TOSHIBA-TLP1032 Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
TLP1037A TOSHIBA-TLP1037A Datasheet
152Kb / 7P
   DOMESTIC ELECTRICAL APPLIANCES SUCH AS VTRS AND CD PLAYERS
logo
Guangdong Youtai Semico...
HT75XX UMW-HT75XX Datasheet
722Kb / 10P
   Power supply equipment such as batteries
logo
Rohm
RLD78MYA1 ROHM-RLD78MYA1 Datasheet
74Kb / 3P
   CD players, CD-ROM laser diode
BH6505K ROHM-BH6505K Datasheet
209Kb / 12P
   PWM driver for CD and MD players
BA5970FP ROHM-BA5970FP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players and CD-ROMs
BA5916FP ROHM-BA5916FP Datasheet
132Kb / 8P
   4-channel BTL driver for CD players and CD-ROMs
BH6504K ROHM-BH6504K Datasheet
271Kb / 15P
   PWM driver for CD and MD players
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com