Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP797J Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP797J
Szczegółowy opis  Measurement Instrumenation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP797J Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP797J_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP797J_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP797J_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP797J_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP797J_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP797J_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP797J_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP797J
2007-10-01
1
TOSHIBA Photocoupler Photo Relay
TLP797J
Telecommunication
Measurement Instrumenation
FA
The TOSHIBA TLP797J consists of an aluminum gallium arsenide
infrared emitting diode optically coupled to a photo-MOS FET in a six lead
plastic DIP package (DIP6).
The TLP797J is a bi-directional switch can replace mechanical relays in
many applications.
• 6 pin DIP (DIP6)
• 1-form-A
• Peak off-state voltage: 600 V (min)
• Trigger LED current: 5 mA (max)
• On-state current: 100 mA (max)
• On-state resistance: 35 Ω (max)
• Isolation voltage: 5000 Vrms (min)
Pin Configurations (top view)
Schematic
Unit: mm
JEDEC
JEITA
TOSHIBA
11-7A8
Weight: 0.4 g (typ.)
4
5
6
1
2
1: Anode
2: Cathode
3: N.C.
4: Drain D1
5: Source
6: Drain D2
1
3
6
4
5
2


Podobny numer części - TLP797J_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP797JF TOSHIBA-TLP797JF Datasheet
408Kb / 7P
   TOSHIBA Photocoupler Photo Relay
2019-06-24
TLP797J TOSHIBA-TLP797J_14 Datasheet
123Kb / 2P
   Telecommunication Measurement Instrumenation FA
More results

Podobny opis - TLP797J_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP797J TOSHIBA-TLP797J_14 Datasheet
123Kb / 2P
   Telecommunication Measurement Instrumenation FA
TLP3130 TOSHIBA-TLP3130_07 Datasheet
177Kb / 6P
   MEASUREMENT INSTRUMENTS
TLP598AA TOSHIBA-TLP598AA Datasheet
154Kb / 5P
   Measurement Instrumentation
logo
EPCOS
B57885S0212 EPCOS-B57885S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57861S0202 EPCOS-B57861S0202 Datasheet
61Kb / 3P
   Temperature Measurement
logo
Toshiba Semiconductor
TLP199D TOSHIBA-TLP199D Datasheet
137Kb / 4P
   MEASUREMENT INSTRUMENTS
TLP200D TOSHIBA-TLP200D_07 Datasheet
164Kb / 6P
   Measurement Instrument
TLP202G TOSHIBA-TLP202G_07 Datasheet
177Kb / 6P
   Measurement Equipment
logo
Silicon Laboratories
TS4100 SILABS-TS4100 Datasheet
1Mb / 24P
   Precision Measurement
logo
Contec Co., Ltd
CPS-MM-LC CONTEC-CPS-MM-LC Datasheet
448Kb / 2P
   Measurement Module
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com