Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP797GA Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TLP797GA
Szczegółowy opis  Cordless Telephone
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP797GA Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TLP797GA_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP797GA_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP797GA_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP797GA_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP797GA_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TLP797GA
2007-10-01
4
Switching Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn-on time
tON
RL = 200 Ω
(Note)
VDD = 20 V, IF = 5 mA
0.3
1
ms
Turn-off time
tOFF
RL = 200 Ω
(Note)
VDD = 20 V, IF = 5 mA
0.1
1
ms
Note: Switching time test circuit
6
RL
VDD
VOUT
4
1
2
IF
VOUT
IF
tON
tOFF
90%
10%


Podobny numer części - TLP797GA_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
   Cordless Telephone PBX MODEM
More results

Podobny opis - TLP797GA_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
   Cordless Telephone
logo
UMC Corporation
UM9310 UMC-UM9310 Datasheet
918Kb / 14P
   Cordless Telephone Controller
logo
Toshiba Semiconductor
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
   Cordless Telephone PBX Modem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
   Cordless Telephone PBX MODEM
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
   Cordless Telephone PBX Modem
TLP227A TOSHIBA-TLP227A Datasheet
133Kb / 6P
   CORDLESS TELEPHONE PBX MODEM
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
TEMIC Semiconductors
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com