Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP797GA Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP797GA
Szczegółowy opis  Cordless Telephone
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP797GA Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP797GA_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP797GA_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP797GA_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP797GA_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP797GA_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TLP797GA
2007-10-01
3
Circuit Connections
A connection
B connection
C connection
Individual Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
LED
Capacitance
CT
V
= 0, f = 1 MHz
30
pF
Off-state current
IOFF
VOFF = 400 V
1
μA
Detector
Capacitance
COFF
V
= 0, f = 1 MHz
70
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
ION = 120 mA
1
3
mA
Load current limiting
IFC
IOFF = 100 μA
0.1
mA
ION = 120 mA, IF = 5 mA
17
35
A connection
ION = 20 to 120 mA, IF = 5 mA
20
40
B connection
ION = 120 mA, IF = 5 mA
11
20
On-state resistance
C connection
RON
ION = 240 mA, IF = 5 mA
6
Ω
Isolation Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5
×
10
10
10
14
Ω
AC, 1 minute
5000
AC, 1 second (in oil)
10000
Vrms
Isolation voltage
BVS
DC, 1 minute (in oil)
10000
Vdc
1
3
6
4
5
2
LOAD
1
3
6
4
5
2
LOAD
1
3
6
4
5
2
LOAD


Podobny numer części - TLP797GA_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
   Cordless Telephone PBX MODEM
More results

Podobny opis - TLP797GA_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
   Cordless Telephone
logo
UMC Corporation
UM9310 UMC-UM9310 Datasheet
918Kb / 14P
   Cordless Telephone Controller
logo
Toshiba Semiconductor
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
   Cordless Telephone PBX Modem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
   Cordless Telephone PBX MODEM
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
   Cordless Telephone PBX Modem
TLP227A TOSHIBA-TLP227A Datasheet
133Kb / 6P
   CORDLESS TELEPHONE PBX MODEM
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
TEMIC Semiconductors
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com