Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP781F Arkusz danych(PDF) 10 Page - Toshiba Semiconductor

Numer części TLP781F
Szczegółowy opis  Signal Transmission Between Different Voltage Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP781F Arkusz danych(HTML) 10 Page - Toshiba Semiconductor

Back Button TLP781F Datasheet HTML 6Page - Toshiba Semiconductor TLP781F Datasheet HTML 7Page - Toshiba Semiconductor TLP781F Datasheet HTML 8Page - Toshiba Semiconductor TLP781F Datasheet HTML 9Page - Toshiba Semiconductor TLP781F Datasheet HTML 10Page - Toshiba Semiconductor TLP781F Datasheet HTML 11Page - Toshiba Semiconductor TLP781F Datasheet HTML 12Page - Toshiba Semiconductor TLP781F Datasheet HTML 13Page - Toshiba Semiconductor TLP781F Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TLP781/TLP781F
2007-12-05
10
EN60747 Isolation Characteristics
Types: TLP781, TLP781F
Type designations for ‘option: (D4) ’, which are tested under EN60747 requirements.
Ex.: TLP781 (D4-GR-LF6)
D4: EN60747 option
GR: CTR rank name
LF6: standard lead bend name
Note: Use TOSHIBA standard type number for safety standard application.
Ex. TLP781 (D4-GR-LF6) → TLP781
Description
Symbol
Rating
Unit
Application classification
for rated mains voltage ≤ 300 Vrms
for rated mains voltage ≤ 600 Vrms
I
−IV
I
−III
Climatic classification
55 / 115 / 21
Pollution degree
2
Maximum operating insulation voltage
VIORM
890
Vpk
Input to output test voltage,
Vpr = 1.5×VIORM, type and sample test
tp = 10s, partial discharge < 5pC
Vpr
1335
Vpk
Input to output test voltage,
Vpr = 1.875×VIORM, 100% production test
tp = 1s, partial discharge < 5pC
Vpr
1670
Vpk
Highest permissible overvoltage
(transient overvoltage, tpr = 60s)
VTR
6000
Vpk
Safety limiting values (max. permissible ratings in case of
fault)
current (input current IF, Psi = 0)
power (output or total power dissipation)
temperature
Isi
Psi
Tsi
300
500
150
mA
mW
°C
Insulation resistance,
VIO = 500V,Ta=25℃
Rsi
10
12
Ω


Podobny numer części - TLP781F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP7820 TOSHIBA-TLP7820 Datasheet
586Kb / 15P
   Photocouplers Optically Isolation Amplifiers
2020-06-25 Rev.9.0
TLP7830 TOSHIBA-TLP7830 Datasheet
252Kb / 9P
   Photocouplers Optically Isolated Delta-Sigma Modulator
TLP785 TOSHIBA-TLP785 Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Guangdong Youtai Semico...
TLP785 UMW-TLP785 Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
TLP785 UMW-TLP785 Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
More results

Podobny opis - TLP781F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SC1062 ETC1-SC1062 Datasheet
742Kb / 15P
   LOW VOLTAGE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
SHANGHAI BELLING CO., L...
BL1062A1 BELLING-BL1062A1 Datasheet
253Kb / 7P
   Low voltage transmission circuits with dialer interface
logo
NXP Semiconductors
TEA1062 PHILIPS-TEA1062 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
logo
Panasonic Semiconductor
CNC1S171 PANASONIC-CNC1S171 Datasheet
53Kb / 3P
   Optoisolator(For isolated signal transmission)
logo
Toshiba Semiconductor
TC9243APG TOSHIBA-TC9243APG Datasheet
287Kb / 10P
   Infrared Remote-Control Signal Transmission LSI
logo
Mitel Networks Corporat...
1A192 MITEL-1A192 Datasheet
196Kb / 10P
   High-Performance LED(Sensors, Signal Transmission)
logo
NXP Semiconductors
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
Mitel Networks Corporat...
1A436 MITEL-1A436 Datasheet
182Kb / 9P
   High-Performance LED(Sensors, Signal Transmission)
logo
Toshiba Semiconductor
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com