Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP781F Arkusz danych(PDF) 11 Page - Toshiba Semiconductor

Numer części TLP781F
Szczegółowy opis  Signal Transmission Between Different Voltage Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP781F Arkusz danych(HTML) 11 Page - Toshiba Semiconductor

Back Button TLP781F Datasheet HTML 7Page - Toshiba Semiconductor TLP781F Datasheet HTML 8Page - Toshiba Semiconductor TLP781F Datasheet HTML 9Page - Toshiba Semiconductor TLP781F Datasheet HTML 10Page - Toshiba Semiconductor TLP781F Datasheet HTML 11Page - Toshiba Semiconductor TLP781F Datasheet HTML 12Page - Toshiba Semiconductor TLP781F Datasheet HTML 13Page - Toshiba Semiconductor TLP781F Datasheet HTML 14Page - Toshiba Semiconductor TLP781F Datasheet HTML 15Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TLP781/TLP781F
2007-12-05
11
Insulation Related Specifications
7.62mm pitch
TLPxxx type
10.16mm pitch
TLPxxxF type
Minimum creepage distance
Cr
6.5mm
8.0mm
Minimum clearance
Cl
6.5mm
8.0mm
Minimum insulation thickness
ti
0.4 mm
Comparative tracking index
CTI
175
(1)
If a printed circuit is incorporated, the creepage distance and clearance may be reduced below this
value. (e.g.at a standard distance between soldering eye centres of 7.5mm). If this is not permissible,
the user shall take suitable measures.
(2)
This photocoupler is suitable for ‘safe electrical isolation’ only within the safety limit data.
Maintenance of the safety data shall be ensured by means of protective circuits.
VDE test sign: Marking on product
for EN60747
Marking on packing
for EN60747
Marking Example: TLP781, TLP781F
4
CTR Rank Marking
Lot No.
Device Name
4: Mark for option (D4)
1pin indication
P


Podobny numer części - TLP781F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP7820 TOSHIBA-TLP7820 Datasheet
586Kb / 15P
   Photocouplers Optically Isolation Amplifiers
2020-06-25 Rev.9.0
TLP7830 TOSHIBA-TLP7830 Datasheet
252Kb / 9P
   Photocouplers Optically Isolated Delta-Sigma Modulator
TLP785 TOSHIBA-TLP785 Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Guangdong Youtai Semico...
TLP785 UMW-TLP785 Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
TLP785 UMW-TLP785 Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
More results

Podobny opis - TLP781F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SC1062 ETC1-SC1062 Datasheet
742Kb / 15P
   LOW VOLTAGE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
SHANGHAI BELLING CO., L...
BL1062A1 BELLING-BL1062A1 Datasheet
253Kb / 7P
   Low voltage transmission circuits with dialer interface
logo
NXP Semiconductors
TEA1062 PHILIPS-TEA1062 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
logo
Panasonic Semiconductor
CNC1S171 PANASONIC-CNC1S171 Datasheet
53Kb / 3P
   Optoisolator(For isolated signal transmission)
logo
Toshiba Semiconductor
TC9243APG TOSHIBA-TC9243APG Datasheet
287Kb / 10P
   Infrared Remote-Control Signal Transmission LSI
logo
Mitel Networks Corporat...
1A192 MITEL-1A192 Datasheet
196Kb / 10P
   High-Performance LED(Sensors, Signal Transmission)
logo
NXP Semiconductors
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
Mitel Networks Corporat...
1A436 MITEL-1A436 Datasheet
182Kb / 9P
   High-Performance LED(Sensors, Signal Transmission)
logo
Toshiba Semiconductor
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com