Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP763J Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP763J
Szczegółowy opis  GaAs Ired & Photo−Triac
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP763J Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP763J Datasheet HTML 1Page - Toshiba Semiconductor TLP763J Datasheet HTML 2Page - Toshiba Semiconductor TLP763J Datasheet HTML 3Page - Toshiba Semiconductor TLP763J Datasheet HTML 4Page - Toshiba Semiconductor TLP763J Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLP763J
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Triac
TLP763J
Office Machine
Household Use Equipment
Triac Driver
Solid State Relay
The TOSHIBA TLP763J consists of a GaAs infrared LED optically
coupled to a zero voltage crossing turn-on photo-triac in a 6 lead plastic
DIP.
• Peak off-state voltage: 600 V (Min.)
• Trigger LED current: 10 mA (Max.)
• On-state current: 100 mA (Max.)
• Isolation voltage: 4000Vrms (Min.)
• UL recognized: UL1577, file No. E67349
• BSI approved: BS EN60065: 2002,
Certificate No. 8945
BS EN60950-1: 2002,
Certificate No. 8946
• SEMKO approved: SS EN60065 (EN60065, 1993)
SS EN60950 (EN60950, 1992)
SS EN60335 (EN60335, 1988)
Certificate No. 9522145
• Option (D4) type
VDE approved: DIN EN 60747-5-2
Certificate No. 40009373
Maximum operating insulation voltage : 890 VPk
Highest permissible over voltage
: 6000 VPk
(Note) When an EN60747-5-2 approved type is needed,
please designate the “option (D4)”.
7.62mm pich
10.16mm pich
TLP763J type
TLP763JF type
• Creepage distance
: 7.0mm (Min.)
8.0mm (Min.)
Clearance
: 7.0mm (Min.)
8.0mm (Min.)
Internal creepage path : 4.0mm (Min.)
4.0mm (Min.)
Insulation thickness
: 0.5mm (Min.)
0.5mm (Min.)
Unit: mm
TOSHIBA
11−7A10
Weight: 0.42g (Typ.)
Pin configuration (top view)
1 : Anode
2 : Cathode
3 : N.C.
4 : Terminal 1
6 : Terminal 2
6
4
2
1
3
ZC


Podobny numer części - TLP763J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP763J TOSHIBA-TLP763J Datasheet
129Kb / 5P
   TOSHIBA Photocoupler GaAs IredPhoto-Triac
TLP763J TOSHIBA-TLP763J_14 Datasheet
182Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
More results

Podobny opis - TLP763J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
   GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
   GaAs IRed & Photo−Triac
TLP560G TOSHIBA-TLP560G_07 Datasheet
205Kb / 6P
   GaAs Ired & Photo−Triac
TLP261J TOSHIBA-TLP261J Datasheet
169Kb / 6P
   GaAs IRED Photo−Triac
TLP762JF TOSHIBA-TLP762JF_07 Datasheet
128Kb / 2P
   GaAs Ired & Photo−Triac
TLP561J TOSHIBA-TLP561J_07 Datasheet
514Kb / 6P
   GaAs IRed & Photo−Triac
TLP166J TOSHIBA-TLP166J Datasheet
136Kb / 4P
   Photocoupler GaAs Ired Photo−Triac
TLP363J TOSHIBA-TLP363J Datasheet
182Kb / 7P
   GaAs Ired & Photo-Triac
TLP361J TOSHIBA-TLP361J_07 Datasheet
181Kb / 7P
   GaAs Ired & Photo-Triac
TLP260J TOSHIBA-TLP260J_07 Datasheet
199Kb / 6P
   GaAs IRED Photo-Triac
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com