Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP747JF Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP747JF
Szczegółowy opis  GaAs Ired & Photo−Thyristor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP747JF Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP747JF Datasheet HTML 1Page - Toshiba Semiconductor TLP747JF Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLP747JF
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
TLP747JF
Office Machine
Switching Power Supply
The TOSHIBA TLP747JF consists of a photo−thyristor optically coupled
to a gallium arsenide infrared emitting diode in a six lead plastic DIP.
All parameters are tested to the specification of TLP747J.
(both condition and limits)
• Peak off−state voltage: 600V (min.)
• Trigger LED current: 15mA (max.)
• On−state current: 150mA (max.)
• UL recognized: UL1577, file No. E67349
• BSI approved: BS EN60065: 2002,
certificate No. 7364
BS EN60950-1: 2002,
certificate No. 7365
• SEMCO approved:EN60065,EN60950-1,EN60335-1
Certificate no.302586
• Isolation voltage: 4000Vrms (min.)
• Option (D4) type
• VDE approved: DIN EN 60747-5-2,
certificate no. 40009373
Maximum operating insulation voltage: 890, 1130VPK
Highest permissible over voltage: 6000, 8000VPK
(Note)
When an EN 60747-5-2 approved type is needed,
please designate the “ Option (D4) ”
• Creepage distance: 8.0mm (min.)
Clearance: 8.0mm (min.)
Internal creepage path: 4.0mm (min.)
Insulation thickness: 0.5mm (min.)
• Conforming safety standards:
DIN 57 804. VDE0804 / 1.83
DIN IEC65 / VDE0860 / 8.81
DIN IEC380 / VDE0806 / 8.81
DIN IEC435 / VDE0805 / draft Nov.84
DIN IEC601T1 / VDE0750T1 / 5.82
BS7002: 1989 (EN60950)
Pin Configurations (top view)
1
2
1 : Anode
2 : Cathode
3 : NC
4 : Cathode
5 : Anode
6 : Gate
6
5
34
Unit in mm
TOSHIBA
11
−7A802
Weight: 0.42g


Podobny numer części - TLP747JF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP747JF TOSHIBA-TLP747JF Datasheet
102Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
More results

Podobny opis - TLP747JF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP747GF TOSHIBA-TLP747GF_07 Datasheet
137Kb / 2P
   GaAs Ired & Photo−Thyristor
TLP747G TOSHIBA-TLP747G Datasheet
172Kb / 6P
   GaAs Ired & Photo−Thyristor
TLP747GF TOSHIBA-TLP747GF Datasheet
105Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
   GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
   GaAs IRed & Photo−Triac
TLP763J TOSHIBA-TLP763J_07 Datasheet
159Kb / 5P
   GaAs Ired & Photo−Triac
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
   GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
   GaAs Ired & Photo−Transistor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
   GaAs Ired & Photo−Transistor
TLP560G TOSHIBA-TLP560G_07 Datasheet
205Kb / 6P
   GaAs Ired & Photo−Triac
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com