Zakładka z wyszukiwarką danych komponentów |
|
TLP747J Arkusz danych(PDF) 1 Page - Toshiba Semiconductor |
|
TLP747J Arkusz danych(HTML) 1 Page - Toshiba Semiconductor |
1 / 2 page TLP747JF 2007-10-01 1 TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor TLP747JF Office Machine Switching Power Supply The TOSHIBA TLP747JF consists of a photo−thyristor optically coupled to a gallium arsenide infrared emitting diode in a six lead plastic DIP. All parameters are tested to the specification of TLP747J. (both condition and limits) • Peak off−state voltage: 600V (min.) • Trigger LED current: 15mA (max.) • On−state current: 150mA (max.) • UL recognized: UL1577, file No. E67349 • BSI approved: BS EN60065: 2002, certificate No. 7364 BS EN60950-1: 2002, certificate No. 7365 • SEMCO approved:EN60065,EN60950-1,EN60335-1 Certificate no.302586 • Isolation voltage: 4000Vrms (min.) • Option (D4) type • VDE approved: DIN EN 60747-5-2, certificate no. 40009373 Maximum operating insulation voltage: 890, 1130VPK Highest permissible over voltage: 6000, 8000VPK (Note) When an EN 60747-5-2 approved type is needed, please designate the “ Option (D4) ” • Creepage distance: 8.0mm (min.) Clearance: 8.0mm (min.) Internal creepage path: 4.0mm (min.) Insulation thickness: 0.5mm (min.) • Conforming safety standards: DIN 57 804. VDE0804 / 1.83 DIN IEC65 / VDE0860 / 8.81 DIN IEC380 / VDE0806 / 8.81 DIN IEC435 / VDE0805 / draft Nov.84 DIN IEC601T1 / VDE0750T1 / 5.82 BS7002: 1989 (EN60950) Pin Configurations (top view) 1 2 1 : Anode 2 : Cathode 3 : NC 4 : Cathode 5 : Anode 6 : Gate 6 5 34 Unit in mm TOSHIBA 11 −7A802 Weight: 0.42g |
Podobny numer części - TLP747J |
|
Podobny opis - TLP747J |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |