Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP747G Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP747G
Szczegółowy opis  GaAs Ired & Photo−Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP747G Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP747G Datasheet HTML 1Page - Toshiba Semiconductor TLP747G Datasheet HTML 2Page - Toshiba Semiconductor TLP747G Datasheet HTML 3Page - Toshiba Semiconductor TLP747G Datasheet HTML 4Page - Toshiba Semiconductor TLP747G Datasheet HTML 5Page - Toshiba Semiconductor TLP747G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP747G
2007-10-01
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5V
10
μA
Capacitance
CT
V = 0, f = 1MHz
30
pF
Ta = 25°C
10
5000
nA
Off
−state current
IDRM
VAK = 400V
RGK = 27kΩ
Ta = 100°C
1
100
μA
Ta = 25°C
10
5000
nA
Reverse current
IRRM
VKA = 400V
RGK = 27kΩ
Ta = 100°C
1
100
μA
On
−state voltage
VTM
ITM = 100mA
0.9
1.3
V
Holding current
IH
RGK = 27kΩ
0.2
mA
Off
−state dv / dt
dv / dt
VAK = 280V, RGK = 27kΩ
5
10
V / μs
Anode to gate
20
Capacitance
Cj
V = 0,
f = 1MHz
Gate to cathode
350
pF
Coupled Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
VAK = 6V, RGK = 27kΩ
15
mA
Turn
−on time
ton
IF = 30mA, VAA = 50V
RGK = 27kΩ
10
μs
Coupled dv / dt
dv / dt
VS = 500V, RGK = 27kΩ
500
V / μs
Capacitance (input to output)
CS
VS = 0, f = 1MHz
0.8
pF
Isolation resistance
RS
VS = 500V, R.H. ≤ 60%
1×10
12
10
14
AC, 1 minute
4000
AC, 1 second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc


Podobny numer części - TLP747G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP747GF TOSHIBA-TLP747GF Datasheet
105Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
TLP747GF TOSHIBA-TLP747GF Datasheet
137Kb / 2P
   GaAs Ired & Photo−Thyristor
TLP747GF TOSHIBA-TLP747GF_07 Datasheet
137Kb / 2P
   GaAs Ired & Photo−Thyristor
More results

Podobny opis - TLP747G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP747GF TOSHIBA-TLP747GF_07 Datasheet
137Kb / 2P
   GaAs Ired & Photo−Thyristor
TLP747JF TOSHIBA-TLP747JF_07 Datasheet
127Kb / 2P
   GaAs Ired & Photo−Thyristor
TLP747GF TOSHIBA-TLP747GF Datasheet
105Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
   GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
   GaAs IRed & Photo−Triac
TLP763J TOSHIBA-TLP763J_07 Datasheet
159Kb / 5P
   GaAs Ired & Photo−Triac
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
   GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
   GaAs Ired & Photo−Transistor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
   GaAs Ired & Photo−Transistor
TLP560G TOSHIBA-TLP560G_07 Datasheet
205Kb / 6P
   GaAs Ired & Photo−Triac
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com