Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP741G Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP741G
Szczegółowy opis  Household Use Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP741G Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP741G Datasheet HTML 1Page - Toshiba Semiconductor TLP741G Datasheet HTML 2Page - Toshiba Semiconductor TLP741G Datasheet HTML 3Page - Toshiba Semiconductor TLP741G Datasheet HTML 4Page - Toshiba Semiconductor TLP741G Datasheet HTML 5Page - Toshiba Semiconductor TLP741G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP741G
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Thyristor
TLP741G
Office Machine
Household Use Equipment
Solid State Relay
Switching Power Supply
The TOSHIBA TLP741G consists of a photo-thyristor optically coupled to
a gallium arsenide infrared emitting diode in a six lead plastic DIP
package.
• Peak off−state voltage: 400V(min.)
• Trigger LED current: 10mA(max.)
• On−state current: 150mA(max.)
• UL recognized: UL1577, file no. E67349
• BSI approved: BS EN60065: 2002
Certificate no. 8877
BS EN60950-1: 2002
Certificate no. 8878
• Isolation voltage: 4000Vrms(min.)
• Option (D4) type
VDE approved: DIN EN 60747-5-2
Certificate no. 40009302
Maximum operating insulation voltage: 630VPK
Highest permissible over voltage: 6000VPK
(Note) When a EN 60747-5-2 approved type is needed,
please designate the "option (D4)"
7.62mm pich
10.16mm pich
standard type
(LF2) type
• Creepage distance:
7.0mm(min.)
8.0mm(min.)
Clearance:
7.0mm(min.)
8.0mm(min.)
Insulation thickness:
0.5mm(min.)
0.5mm(min.)
Pin Configuration (top view)
Unit in mm
TOSHIBA
11−7B1
Weight: 0.35 g


Podobny numer części - TLP741G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP741G TOSHIBA-TLP741G Datasheet
507Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
More results

Podobny opis - TLP741G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP668JF TOSHIBA-TLP668JF Datasheet
142Kb / 2P
   Household Use Equipment
TLP665J TOSHIBA-TLP665J_07 Datasheet
220Kb / 6P
   Household Use Equipment
TLP665JF TOSHIBA-TLP665JF_07 Datasheet
152Kb / 2P
   Household Use Equipment
TLP668J TOSHIBA-TLP668J_07 Datasheet
196Kb / 6P
   Household Use Equipment
TLP747J TOSHIBA-TLP747J Datasheet
127Kb / 2P
   Household Use Equipment
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
TLP3051 TOSHIBA-TLP3051_07 Datasheet
224Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3051F TOSHIBA-TLP3051F Datasheet
28Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com