Zakładka z wyszukiwarką danych komponentów |
|
TLP741G Arkusz danych(PDF) 3 Page - Toshiba Semiconductor |
|
TLP741G Arkusz danych(HTML) 3 Page - Toshiba Semiconductor |
3 / 6 page TLP741G 2007-10-01 3 Individual Electrical Characteristics (Ta = 25°C) Characteristic Symbol Test Condition Min. Typ. Max. Unit Forward voltage VF IF = 10mA 1.0 1.15 1.3 V Reverse current IR VR = 5V ― ― 10 μA Capacitance CT V = 0, f = 1MHz ― 30 ― pF Ta = 25°C ― 10 5000 nA Off −state current IDRM VAK = 400V RGK = 27kΩ Ta = 100°C ― 1 100 μA Ta = 25°C ― 10 5000 nA Reverse current IRRM VKA = 400V RGK = 27kΩ Ta = 100°C ― 1 100 μA On −state voltage VTM ITM = 100mA ― 0.9 1.3 V Holding current IH RGK = 27kΩ ― 0.2 ― mA Off −state dv / dt dv/dt VD = 280V, RGK = 27kΩ 5 10 ― V/μs Anode to gate ― 20 ― Capacitance Cj V = 0, f = 1MHz Gate to cathode ― 350 ― pF Coupled Characteristics (Ta = 25°C) Characteristic Symbol Test Condition Min. Typ. Max. Unit Trigger LED current IFT VAK = 6V, RGK = 27kΩ ― 4 10 mA Turn −on time tON IF = 30mA, VAA = 50V, RGK = 27kΩ ― 10 ― μs Coupled dv/dt dv/dt VS = 500V, RGK = 27kΩ 500 ― ― V/μs Capacitance (input to output) CS VS = 0, f = 1MHz ― 0.8 ― pF Isolation resistance RS VS = 500V 1×10 12 10 14 ― Ω AC, 1 minute 4000 ― ― AC, 1 second, in oil ― 10000 ― Vrms Isolation voltage BVS DC, 1 minute, in oil ― 10000 ― Vdc |
Podobny numer części - TLP741G |
|
Podobny opis - TLP741G |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |