Zakładka z wyszukiwarką danych komponentów |
|
TLP733 Arkusz danych(PDF) 2 Page - Toshiba Semiconductor |
|
TLP733 Arkusz danych(HTML) 2 Page - Toshiba Semiconductor |
2 / 10 page TLP733,TLP734 2002-09-25 2 Current Transfer Ratio Current Transfer Ratio (%) (IC / IF) IF = 5mA, VCE = 5V, Ta = 25°C Type Classi − fication *1 Min. Max. Marking Of Classification (None) 50 600 Blank, Y, Y ■, G, G■, B, B■, GB 50 150 Y, Y ■ Rank GR 100 300 G, G ■ 200 600 B, B ■ TLP733 TLP734 Rank GB 100 600 G, G ■, B, B■, GB *1: Ex. rank GB: TLP733 (GB) Note: Application type name for certification test, please use standard product type name, i.e. TLP733 (GB): TLP733 Maximum Ratings (Ta = 25°C) Characteristic Symbol Rating Unit Forward current IF 60 mA Forward current derating (Ta ≥ 39°C) ΔIF / °C −0.7 mA / °C Peak forward current (100 μs pulse, 100 pps) IFP 1 A Reverse voltage VR 5 V Junction temperature Tj 125 °C Collector −emitter voltage VCEO 55 V Collector −base voltage (TLP733) VCBO 80 V Emitter −collector voltage VECO 7 V Emitter −base voltage (TLP733) VEBO 7 V Collector current IC 50 mA Power dissipation PC 150 mW Power dissipation derating (Ta ≥ 25°C) ΔPC / °C −1.5 mW / °C Junction temperature Tj 125 °C Storage temperature range Tstg −55~125 °C Operating temperature range Topr −40~100 °C Lead soldering temperature (10 s) Tsol 260 °C Total package power dissipation PT 250 mW Total package power dissipation derating (Ta ≥ 25°C) ΔPT / °C −2.5 mW / °C Isolation voltage (AC, 1 min., R.H.≤ 60%) BVS 4000 Vrms |
Podobny numer części - TLP733_07 |
|
Podobny opis - TLP733_07 |