Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP733 Arkusz danych(PDF) 7 Page - Toshiba Semiconductor

Numer części TLP733
Szczegółowy opis  Switching Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP733 Arkusz danych(HTML) 7 Page - Toshiba Semiconductor

Back Button TLP733 Datasheet HTML 2Page - Toshiba Semiconductor TLP733 Datasheet HTML 3Page - Toshiba Semiconductor TLP733 Datasheet HTML 4Page - Toshiba Semiconductor TLP733 Datasheet HTML 5Page - Toshiba Semiconductor TLP733 Datasheet HTML 6Page - Toshiba Semiconductor TLP733 Datasheet HTML 7Page - Toshiba Semiconductor TLP733 Datasheet HTML 8Page - Toshiba Semiconductor TLP733 Datasheet HTML 9Page - Toshiba Semiconductor TLP733 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TLP733,TLP734
2002-09-25
7
IC – VCE
Collector-emitter voltage VCE (V)
2
4
8
10
30
20
10
50
0
0
6
40
Ta = 25°C
20 mA
15 mA
10 mA
IF = 5 mA
50 mA
30 mA
PC (MAX.)
IC – VCE
Collector-emitter voltage VCE (V)
0.2
0.4
0.8
1.2
15
10
5
30
0
0
0.6
1.0
20
25
Ta = 25°C
20 mA
5 mA
10 mA
IF = 2 mA
50 mA
30 mA
40 mA
Forward current IF (mA)
IC – IF
3
1
30
0.01
10
0.3
0.03
0.1
1
10
300
0.1
3
30
0.3
100
Ta = 25°C
VCE = 5 V
VCE = 0.4 V
SAMPLE A
SAMPLE B
Forward current IF (mA)
IC / IF – IF
1
10
100
300
100
50
1000
10
0.1
500
30
3
30
0.3
Ta = 25°C
VCE = 5 V
VCE = 0.4 V
SAMPLE A
SAMPLE B
Forward current IF (mA)
TLP733
IC – IF at RBE
1
10
100
50
3
100
0.1
0.1
1
30
3
30
0.3
10
0.3
500kΩ
100kΩ
50kΩ
RBE=∞
Ta = 25°C
VCE = 5 V
Forward current IF (mA)
TLP733
IPB – IF
1
10
100
300
100
3
1000
0.1
0.1
1
30
3
30
0.3
10
0.3
Ta = 25°C
IF
RBE
VCC
A
IF
VCB
A
VCB = 0 V
VCB = 5 V


Podobny numer części - TLP733

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP733 TOSHIBA-TLP733 Datasheet
162Kb / 10P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP733F TOSHIBA-TLP733F Datasheet
186Kb / 2P
   Switching Power Supply
TLP733F TOSHIBA-TLP733F Datasheet
137Kb / 2P
   Office Machine Switching Power Supply
TLP733F TOSHIBA-TLP733F_07 Datasheet
186Kb / 2P
   Switching Power Supply
More results

Podobny opis - TLP733

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com