Zakładka z wyszukiwarką danych komponentów |
|
TLP731 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor |
|
TLP731 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor |
3 / 9 page TLP731,TLP732 2007-10-01 3 Individual Electrical Characteristics (Ta = 25°C) Characteristic Symbol Test Condition Min. Typ. Max. Unit Forward voltage VF IF = 10mA 1.0 1.15 1.3 V Reverse current IR VR = 5V ― ― 10 μA Capacitance CT V = 0, f = 1MHz ― 30 ― pF Collector −emitter breakdown voltage V(BR)CEO IC = 0.5mA 55 ― ― V Emitter −collector breakdown voltage V(BR)ECO IE = 0.1mA 7 ― ― V Collector −base breakdown voltage (TLP731) V(BR)CBO IC = 0.1mA 80 ― ― V Emitter −base breakdown voltage (TLP731) V(BR)EBO IE = 0.1mA 7 ― ― V VCE = 24V ― 10 100 nA Collector dark current ICEO VCE = 24V, Ta = 85°C ― 2 50 μA Collector dark current (TLP731) ICER VCE = 24V, Ta = 85°C RBE = 1MΩ ― 0.5 10 μA Collector dark current (TLP731) ICBO VCB = 10V ― 0.1 ― nA DC forward current gain (TLP731) hFE VCE = 5V, IC = 0.5mA ― 400 ― ― Capacitance collector to emitter CCE V = 0, f = 1MHz ― 10 ― pF Coupled Electrical Characteristics (Ta = 25°C) Characteristic Symbol Test Condition Min. Typ. Max. Unit 50 ― 600 Current transfer ratio IC / IF IF = 5mA, VCE = 5V Rank GB 100 ― 600 % ― 60 ― Saturated CTR IC / IF (sat) IF = 1mA, VCE = 0.4V Rank GB 30 ― ― % Base photo −current (TLP731) IPB IF = 5mA, VCB = 5V ― 10 ― μA IC = 2.4mA, IF = 8mA ― ― 0.4 ― 0.2 ― Collector −emitter saturation voltage VCE (sat) IC = 0.2mA, IF = 1mA Rank GB ― ― 0.4 V |
Podobny numer części - TLP731_07 |
|
Podobny opis - TLP731_07 |