Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP731 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP731
Szczegółowy opis  Switching Power Supply
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP731 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP731 Datasheet HTML 1Page - Toshiba Semiconductor TLP731 Datasheet HTML 2Page - Toshiba Semiconductor TLP731 Datasheet HTML 3Page - Toshiba Semiconductor TLP731 Datasheet HTML 4Page - Toshiba Semiconductor TLP731 Datasheet HTML 5Page - Toshiba Semiconductor TLP731 Datasheet HTML 6Page - Toshiba Semiconductor TLP731 Datasheet HTML 7Page - Toshiba Semiconductor TLP731 Datasheet HTML 8Page - Toshiba Semiconductor TLP731 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP731,TLP732
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Transistor
TLP731,TLP732
Office Machine
Household Use Equipment
Solid State Relay
Switching Power Supply
The TOSHIBA TLP731 and TLP732 consist of a photo−transistor
optically coupled to a gallium arsenide infrared emitting diode in a six
lead plastic DIP package.
TLP732 is no−base internal connection for high−EMI environments.
• Collector−emitter voltage: 55V (min.)
• Current transfer ratio: 50% (min.)
Rank GB: 100% (min.)
• UL recognized: UL1577, file No. E67349
• BSI approved: BS EN60065: 2002
Certificate No. 8877
BS EN60950-1: 2002
Certificate No. 8878
Isolation voltage: 4000Vrms (min.)
• Option (D4) type
VDE approved: DIN EN 60747-5-2,
Certificate No. 40009302
Maximum operating insulation voltage: 630VPK
Highest permissible over voltage: 6000VPK
(Note)
When a EN 60747-5-2 approved type is needed,
please designate the “Option (D4)”
7.62mm pich
10.16mm pich
standard type
(LF2) type
• Creepage distance
: 7.0mm (min.)
8.0 mm (min.)
Clearance
: 7.0 mm (min.)
8.0 mm (min.)
Insulation thickness : 0.5 mm (min.)
0.5 mm (min.)
Pin Configurations (top view)
Unit in mm
TOSHIBA
11−7B1
Weight: 0.35 g


Podobny numer części - TLP731

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP731 TOSHIBA-TLP731 Datasheet
415Kb / 9P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY
More results

Podobny opis - TLP731

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com