Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP731 Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TLP731
Szczegółowy opis  Switching Power Supply
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP731 Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TLP731 Datasheet HTML 1Page - Toshiba Semiconductor TLP731 Datasheet HTML 2Page - Toshiba Semiconductor TLP731 Datasheet HTML 3Page - Toshiba Semiconductor TLP731 Datasheet HTML 4Page - Toshiba Semiconductor TLP731 Datasheet HTML 5Page - Toshiba Semiconductor TLP731 Datasheet HTML 6Page - Toshiba Semiconductor TLP731 Datasheet HTML 7Page - Toshiba Semiconductor TLP731 Datasheet HTML 8Page - Toshiba Semiconductor TLP731 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLP731,TLP732
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
60
mA
Forward current derating (Ta ≥ 39°C)
ΔIF / °C
−0.7
mA / °C
Peak forward current (100μs pulse, 100pps)
IFP
1
A
Power dissipation
PD
100
mW
Power dissipation derating (Ta ≥ 25°C)
ΔPD / °C
−1.0
mW / °C
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Collector
−emitter voltage
VCEO
55
V
Collector
−base voltage (TLP731)
VCBO
80
V
Emitter
−collector voltage
VECO
7
V
Emitter
−base voltage (TLP731)
VEBO
7
V
Collector current
IC
50
mA
Power dissipation
PC
150
mW
Power dissipation derating (Ta ≥ 25°C)
ΔPC / °C
−1.5
mW / °C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−55~100
°C
Lead soldering temperature (10s)
Tsol
260
°C
Total package power dissipation
PT
250
mW
Total package power dissipation derating (Ta ≥ 25°C)
ΔPT / °C
−2.5
mW / °C
Isolation voltage (AC, 1min., R.H.≤ 60%)
BVS
4000
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
5
24
V
Forward current
IF
16
25
mA
Collector current
IC
1
10
mA
Operating temperature
Topr
−25
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.


Podobny numer części - TLP731

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP731 TOSHIBA-TLP731 Datasheet
415Kb / 9P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY
More results

Podobny opis - TLP731

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com