Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP732 Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TLP732
Szczegółowy opis  Switching Power Supply
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP732 Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TLP732 Datasheet HTML 1Page - Toshiba Semiconductor TLP732 Datasheet HTML 2Page - Toshiba Semiconductor TLP732 Datasheet HTML 3Page - Toshiba Semiconductor TLP732 Datasheet HTML 4Page - Toshiba Semiconductor TLP732 Datasheet HTML 5Page - Toshiba Semiconductor TLP732 Datasheet HTML 6Page - Toshiba Semiconductor TLP732 Datasheet HTML 7Page - Toshiba Semiconductor TLP732 Datasheet HTML 8Page - Toshiba Semiconductor TLP732 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP731,TLP732
2007-10-01
4
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance
(input to output)
CS
VS = 0, f = 1MHz
0.8
pF
Isolation resistance
RS
VS = 500V
1×10
12
10
14
AC, 1 minute
4000
AC, 1 second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Rise time
tr
2
Fall time
tf
3
Turn
−on time
ton
3
10
Turn
−off time
toff
VCC = 10V, IC = 2mA
RL = 100Ω
3
10
μs
Turn
−on time
tON
2
Storage time
tS
15
Turn
−off time
tOFF
RL = 1.9kΩ (Fig.1)
RBE = open
VCC = 5V, IF = 16mA
25
μs
Turn
−on time
tON
2
Storage time
tS
12
Turn
−off time
tOFF
RL = 1.9kΩ (Fig.1)
RBE = 220kΩ (TLP731)
VCC = 5V, IF = 16mA
20
μs
Fig. 1 Switching time test circuit


Podobny numer części - TLP732

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP732 TOSHIBA-TLP732 Datasheet
415Kb / 9P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY
More results

Podobny opis - TLP732

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com