Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP722 Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TLP722
Szczegółowy opis  Photo−Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP722 Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TLP722_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP722_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP722_07 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TLP722
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
25
mA
Forward current derating
ΔIF / °C
−0.45
(Ta ≥ 70°C)
mA / °C
Pulse forward current
IFP
1
(1μs pulse, 1000 pps)
mA
Pulse forward current
IFTP
1
(100μs pulse, 1000 pps)
A
Reverse voltage
VR
5
V
Cathode
−anode voltage
VKAO
30
V
Anode
−cathode voltage
VAKO
0.5
V
Photodiode output current
IPB
100
μA
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−55~100
°C
Lead soldering temperature (10 s)
Tsol
260 (10s)
°C
Isolation voltage
BVS
4000
(AC, 1min., R.H. 60%)
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 16 mA
1.65
1.85
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Cathode
−anode
breakdown voltage
V(BR)KAO
IKA = 0.1 mA
30
V
Anode
−cathode
breakdown voltage
V(BR)AKO
IAK = 0.1 mA
0.5
V
VKA = 10 V
50
nA
Dark current
Ileak
VKA = 10 V, Ta = 85°C
1
μA
Photodiode output
current
IPB
V = 10 mA, VKA = 5 V
10
50
μA
Capacitance
CAK
V = 0, f = 1 MHz
10
pF
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance
(input to output)
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V
1×10
12
10
14
AC, 1 minute
4000
AC, 1 second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc


Podobny numer części - TLP722_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP722 TOSHIBA-TLP722 Datasheet
126Kb / 3P
   Photocoupler Photo-Diode
More results

Podobny opis - TLP722_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP590B TOSHIBA-TLP590B Datasheet
152Kb / 5P
   GaAS As Ired & Photo−Diode Array
TLP190B TOSHIBA-TLP190B_07 Datasheet
166Kb / 5P
   Photocoupler GaA?밃s Ired & Photo−Diode Array
TLP190B TOSHIBA-TLP190B Datasheet
124Kb / 5P
   TOSHIBA Photocoupler GaAAs Ired & Photo−Diode Array
TLP763J TOSHIBA-TLP763J_07 Datasheet
159Kb / 5P
   GaAs Ired & Photo−Triac
TLP747GF TOSHIBA-TLP747GF_07 Datasheet
137Kb / 2P
   GaAs Ired & Photo−Thyristor
TLP747G TOSHIBA-TLP747G Datasheet
172Kb / 6P
   GaAs Ired & Photo−Thyristor
TLP127 TOSHIBA-TLP127_07 Datasheet
176Kb / 8P
   Photo−Transistor Programmable Controllers
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
   GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
   GaAs Ired & Photo−Transistor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
   GaAs Ired & Photo−Transistor
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com