Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP719 Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TLP719
Szczegółowy opis  Microprocessor system interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP719 Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TLP719_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP719_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP719_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP719_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP719_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP719_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP719_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP719
2007-10-01
4
Switching Characteristics (Ta = 25 °C, VCC = 5 V)
Characteristic
Symbol
Test
Cir-
cuit
Test Condition
Min.
Typ.
Max.
Unit
Propagation delay time
(H→ L)
tpHL
IF = 0→ 16 mA
RL = 1.9kΩ
0.8
μs
Propagation delay time
(L→ H)
tpLH
Fig1
IF = 16→ 0 mA
RL = 1.9kΩ
0.8
μs
Common mode transient
immunity at logic HIGH output
(Note 8)
CMH
IF = 0 mA
VCM = 400 Vp−p
RL = 1.9kΩ
10000
V / μs
Common mode transient
immunity at logic LOW output
(Note 8)
CML
Fig2
IF = 16 mA
VCM = 400 Vp−p
RL = 1.9 kΩ
−10000
V / μs
Note 8 : CML is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in the logic
LOW state (VO < 0.8 V).
CMH is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage in the logic
HIGH state (VO >2 V).
Figure 1. Switching Time Test Circuit
Figure 2. Common Mode Noise Immunity Test Circuit.
MONITORING NODE
VCC = 5 V
VO
RL
1
2
3
5
4
6
IF MONITORING NODE
PULSE INPUT
( PW = 100 μs
Duty = 10%)
0.1
μF
IF
10%
tr
90%
tf
CMH
2 V
0.8 V
VOL
SW:A (
IF = 16 mA)
400 V
VCM
0 V
VOH
SW:B (
IF= 0 mA)
CML
CMH = t
r (μs)
320 (V)
CML = − t
f (μs)
320 (V)
tpLH
tpHL
5V
1.5V
VO
IF
VOL
RL=1.9kΩ
VO
VCC=5V
VCM
0.1μF
1
2
3
5
4
6
+
SW
B
A
IF
SHIELD
SHIELD


Podobny numer części - TLP719_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP719F TOSHIBA-TLP719F Datasheet
127Kb / 2P
   Digital logic ground isolation
TLP719 TOSHIBA-TLP719_15 Datasheet
423Kb / 7P
   Digital logic ground isolation Line receivers Microprocessor system interfaces Switching power supply feedback control Industrial invertors
More results

Podobny opis - TLP719_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
   Microprocessor System Interfaces
TLP558 TOSHIBA-TLP558_07 Datasheet
218Kb / 7P
   Microprocessor System Interfaces
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
Xilinx, Inc
DS583 XILINX-DS583 Datasheet
658Kb / 15P
   System ACE Microprocessor Interface
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com