Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP716 Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TLP716
Szczegółowy opis  Plasma display panel High Speed Interface Factory Automation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP716 Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TLP716 Datasheet HTML 1Page - Toshiba Semiconductor TLP716 Datasheet HTML 2Page - Toshiba Semiconductor TLP716 Datasheet HTML 3Page - Toshiba Semiconductor TLP716 Datasheet HTML 4Page - Toshiba Semiconductor TLP716 Datasheet HTML 5Page - Toshiba Semiconductor TLP716 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP716
2007-10-01
4
Switching Characteristics
(Unless otherwise specified, Ta= 40 to 100
°C, VCC=4.5~5.5V)
CHARACTERISTIC
SYMBOL
TEST
-CIRCUIT
CONDITION
MIN.
TYP.
MAX.
UNIT
propagation Delay Time
to Logic Low output
tpHL
IF=0→12mA
75
ns
propagation Delay Time
to Logic High output
tpLH
1
IF=12→0mA
RIN=100Ω
CL=15pF
(Note 5)
75
ns
propagation Delay Time
to Logic Low output
tpHL
VIN=0→5V
(IF=0→8mA)
65
ns
propagation Delay Time
to Logic High output
tpLH
2
VIN=5→0V
(IF=8→0mA)
RIN=430Ω
CIN=33pF
CL=15pF
(Note 5)
65
ns
Switching Time Dispersion
between ON and OFF
| tpLH-
tpHL |
IF=12mA
RIN=100Ω, CL=15pF (Note 5)
45
ns
Output Fall Time (90 ~ 10%)
tf
IF=0→12mA
15
ns
Output Rise Time (10 ~ 90%)
tr
1
IF=12→0mA
RIN=100Ω
CL=15pF
(Note 5)
15
ns
Common Mode transient
Immunity at High Level
Output
CMH
VCM=1000Vp-p,IF=0mA,
VO(Min)=4V,Ta=25
°C
10000
V/us
Common Mode transient
Immunity at Low Level
Output
CML
3
VCM=1000Vp-p,IF=12mA,
VO(Max)=0.4V,Ta=25
°C
−10000
V/us
*All typical values are at Ta=25
°C
Note 5: CL is approximately 15pF which includes probe and Jig/stray wiring capacitance.
TEST CIRCUIT 1 : tpLH , tpHL
TEST CIRCUIT 2 : tpLH , tpHL
IF=12mA(P.G)
0.1uF
VCC
RIN=100Ω
INPUT
MONITORING NODE
CL=15pF
CL=15pF
VO
MONITORING NODE
VCC
GND
SHIELD
VCC
VIN=5V(P.G)
0.1uF
RIN=430Ω
CIN=33pF
CL=15pF
The PROBE and JIG capacitances are included in CL.
Vo
MONITORING NODE
INPUT MONITORING NODE
(P.G) : Pulse Generatior
VCC
GND
CL=15pF
SHIELD
tp HL
IF
Vo
50%
VOL
VOH
tp LH
tf
tr
90%
10%
1.5V
1.5V
10%
90%
50%
VIN
tp HL
Vo
50%
VOL
VOH
tp LH
1.5V
1.5V
50%


Podobny numer części - TLP716

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
   TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
TLP716F TOSHIBA-TLP716F Datasheet
142Kb / 2P
   Plasma display panel High Speed Interface Factory Automation
More results

Podobny opis - TLP716

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP716F TOSHIBA-TLP716F Datasheet
142Kb / 2P
   Plasma display panel High Speed Interface Factory Automation
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
   PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
   Plasma Display Panel
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
   Plasma Display Panel
logo
Vishay Siliconix
APD-128G064D VISHAY-APD-128G064D_V01 Datasheet
59Kb / 3P
   Plasma Panel Display Modules
18-Jul-08
APD-256G064A VISHAY-APD-256G064A_V01 Datasheet
103Kb / 4P
   Plasma Panel Display Module
18-Jul-08
APD-240G064 VISHAY-APD-240G064 Datasheet
147Kb / 10P
   Plasma Panel Display Modules
Revision 21-Dec-00
APD-128G064C VISHAY-APD-128G064C_V01 Datasheet
148Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
APD-240G064 VISHAY-APD-240G064_V01 Datasheet
151Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
APD-128G064E VISHAY-APD-128G064E Datasheet
194Kb / 9P
   Plasma Panel Display Modules
18-Jul-08
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com