Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP705 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP705
Szczegółowy opis  Plasma Display Panel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP705 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP705_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP705_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP705_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP705_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP705_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP705_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP705
2007-10-01
1
Unit in mm
Weight:0.26 g (t yp.)
4.58±0.25
9.7±0.3
0.4±0.1
1.27±0.2
1.25±0.25
7.62±0.25
1 2 3
6 5 4
11-5J1
TOSHIBA
11-5J1
TOSHIBA Photocoupler GaAℓAs IRED + Photo IC
TLP705
Plasma Display Panel.
Industrial Inverter
IGBT/Power MOS FET Gate Drive
TLP705 consists of a GaAℓAs light emitting diode and a integrated
photodetector.
This unit is 6-lead SDIP package. TLP705 is 50% smaller than 8pin DIP
and has suited the safety standard reinforced insulation class.
So mounting area in safety standard required equipment can be reduced.
TLP705 is suitable for gate driving circuit of IGBT or power MOS FET.
Especially TLP705 is capable of “direct” gate drive of lower Power IGBTs.
• Peak output current
: ±0.45 A (max)
• Operating frequency
: 250kHz (max)
• Guaranteed performance over temperature : −40 to 100°C
• Supply current
: 3mA (max)
• Power supply voltage
: 10 to 20 V
• Threshold input current
: IFLH = 8 mA (max)
• Switching time (tpLH / tpHL)
: 200 ns (max)
• Common mode transient immunity
:±10 kV/μs(min)
• Isolation voltage
: 5000 Vrms(min)
• UL Recognized
:UL1577, File No.E67349
• Construction Mechanical Rating
7.62-mm pitch
standard type
10.16-mm pitch
TLPXXXF type
Creepage Distance
Clearance
Insulation Thickness
7.0 mm (min)
7.0 mm (min)
0.4 mm (min)
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
• Option (D4)
TÜV approved
: EN60747-5-2
Certificate No. R50033433
Maximum operating insulation voltage
: 890 Vpk
Highest permissible over voltage
: 8000 Vpk
( Note ) When a EN60747-5-2 approved type is needed,
please designate the “Option(D4)”
Truth Table
Input
LED
Tr1
Tr2
Output
H
ON
ON
OFF
H
L
OFF
OFF
ON
L
A 0.1
μF bypass capacitor must be connected
between pins 6 and 4. (See Note 6.)
1
+
3
VCC
VO
GND
(Tr1)
(Tr2)
ICC
IO
IF
VF
6
5
4
SHIELD
Schematic
1: ANODE
2: NC
3: CATHODE
4: GND
5: VO ( OUTPUT )
6: VCC
1
3
5
6
2
SHIELD
Pin Configuration (Top View)


Podobny numer części - TLP705_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP705A TOSHIBA-TLP705A Datasheet
392Kb / 16P
   Isolation voltage - 5000 Vrms (min)
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
   Plasma Display Panel
More results

Podobny opis - TLP705_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
   Plasma Display Panel
logo
Vishay Siliconix
APD-128G064D VISHAY-APD-128G064D_V01 Datasheet
59Kb / 3P
   Plasma Panel Display Modules
18-Jul-08
APD-256G064A VISHAY-APD-256G064A_V01 Datasheet
103Kb / 4P
   Plasma Panel Display Module
18-Jul-08
APD-240G064 VISHAY-APD-240G064 Datasheet
147Kb / 10P
   Plasma Panel Display Modules
Revision 21-Dec-00
APD-128G064C VISHAY-APD-128G064C_V01 Datasheet
148Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
APD-240G064 VISHAY-APD-240G064_V01 Datasheet
151Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
APD-128G064E VISHAY-APD-128G064E Datasheet
194Kb / 9P
   Plasma Panel Display Modules
18-Jul-08
logo
STMicroelectronics
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
   PLASMA DISPLAY PANEL DATA DRIVER
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
   PLASMA DISPLAY PANEL DATA DRIVER
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
   PLASMA DISPLAY PANEL DATA DRIVER
April 2002 Version 3.1
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com