Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP701 Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TLP701
Szczegółowy opis  IGBT/Power MOS FET gate drive
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP701 Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

  TLP701_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP701_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP701_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP701_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP701_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP701_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP701_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP701_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP701
2007-10-01
6
I F ─ VF
⊿V F/ ⊿ Ta- I F
Forw ar d Vol t a g e VF(V)
Forw ar d Cu rre nt I F (mA)
I F -Ta
IFLH – Ta
-40 -20
0
20 40 60 80 100 120
0
10
20
30
40
-40 -20
0
204060
80 100
0
1
2
3
4
5
Ambient Temperature Ta(
°C)
Ambient Temperature Ta(
°C)
VOL -Ta
VOH -Ta
-40 -20
0
2040
6080 100
0
0.2
0.4
0.6
0.8
1
-40 -20
0
20
406080 100
0
5
10
15
20
25
30
Ambient Temperature Ta(
°C)
Ambient Temperature Ta(
°C)
*: The above graphs show typical characteristics.
100
1.0
50
30
10
5
3
1
0.5
0.3
0.1
0.05
0.03
0.01
1.2
1.4
1.6
1.8
2.0
Ta = 25 °C
1.4
0.1
0.3 0.5
1
3
5
10
30
1.6
1.8
2.0
2.2
2.4
2.6
VCC=15V
VO>1V
VF = 0.8V
IO= 100mA , VCC=10V
IF = 5mA
Io= -100mA , VCC=10V


Podobny numer części - TLP701_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP701A TOSHIBA-TLP701A Datasheet
389Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP701F TOSHIBA-TLP701F Datasheet
104Kb / 2P
   Inverter for Air Conditioners
More results

Podobny opis - TLP701_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP250F TOSHIBA-TLP250F Datasheet
135Kb / 3P
   TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
   TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250INV TOSHIBA-TLP250INV Datasheet
224Kb / 6P
   TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP705 TOSHIBA-TLP705 Datasheet
145Kb / 6P
   Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
   Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
   Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
   Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
logo
Sharp Corporation
PC923 SHARP-PC923 Datasheet
86Kb / 6P
   High Speed Photocoupler for MOS-FET / IGBT Drive
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
   Isolated IGBT/Power MOSFET gate drive
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-500E AVAGO-HCPL-3100-500E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com