Zakładka z wyszukiwarką danych komponentów |
|
TLP701 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor |
|
TLP701 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor |
1 / 8 page TLP701 2007-10-01 1 Unit in mm Weight:0.26 g (t yp.) 4.58±0.25 9.7±0.3 0.4±0.1 1.27±0.2 1.25±0.25 7.62±0.25 1 2 3 6 5 4 11-5J1 TOSHIBA 11-5J1 TOSHIBA Photocoupler GaAℓAs IRED + Photo IC TLP701 Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive TLP701 consists of a GaAℓAs light-emitting diode and an integrated photodetector. This unit is 6-lead SDIP package. The TLP701 is 50% smaller than the 8-pin DIP and meets the reinforced insulation class requirements of international safety standards. Therefore the mounting area can be reduced in equipment requiring safety standard certification. The TLP701 is suitable for gate driving circuits for IGBTs or power MOSFETs. In particular, the TLP701 is capable of “direct” gate driving of low-power IGBTs. • Peak output current : ±0.6 A (max) • Guaranteed performance over temperature : −40 to 100°C • Supply current : 2 mA (max) • Power supply voltage : 10 to 30 V • Threshold input current : IFLH = 5 mA (max) • Switching time (tpLH / tpHL) : 700 ns (max) • Common mode transient immunity : ±10 kV/μs (min) • Isolation voltage : 5000 Vrms (min) • Construction mechanical rating 7.62-mm pitch standard type 10.16-mm pitch TLPXXXF type Creepage Distance Clearance Insulation Thickness 7.0 mm (min) 7.0 mm (min) 0.4 mm (min) 8.0 mm (min) 8.0 mm (min) 0.4 mm (min) • UL Recognized : UL1577, File No. E67349 • Option (D4) TÜV approved : EN60747-5-2 Certificate No. R50033433 Maximum operating insulation voltage : 890 Vpk Highest permissible over voltage : 8000 Vpk ( Note ) When a EN60747-5-2 approved type is needed, please designate the “Option(D4)” Truth Table Input LED Tr1 Tr2 Output H ON ON OFF H L OFF OFF ON L 1: ANODE 2: NC 3: CATHODE 4: GND 5: VO ( OUTPUT ) 6: VCC 1 3 4 5 6 2 SHIELD Pin Configuration (Top View) A 0.1- μF bypass capacitor must be connected between pins 6 and 4. (See Note 6.) 1 + 3 − VCC VO GND (Tr1) (Tr2) ICC IO IF VF 6 5 4 SHIELD Schematic |
Podobny numer części - TLP701_07 |
|
Podobny opis - TLP701_07 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |