Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP668J Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP668J
Szczegółowy opis  Household Use Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP668J Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP668J_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP668J_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP668J_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP668J_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP668J_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP668J_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP668J(S)
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo-Triac
TLP668J(S)
Office Machine
Household Use Equipment
Triac Driver
Solid State Relay
The TOSHIBA TLP668J(S) consists of a zero voltage crossing turn-on
photo-triac optically coupled to a GaAlAs infrared emitting diode in a six
lead plastic DIP package.
• Peak off-state voltage: 600V (Min.)
• Trigger LED current: 3mA (Max.)
• On-state current: 100mA (Max.)
• Isolation voltage: 5000Vrms (Min.)
• UL recognized: UL1577, file No. E67349
• BSI approved: BS EN60065:2002, file No. 8385
BS EN60950-1:2002, file No. 8386
• SEMCO approved:EN60065,EN60950-1,EN60335-1
Certificate no.708960
• Option(D4) type
VDE approved: DIN EN 60747-5-2
Certificate No. 40009302
Maximum operating insulation voltage : 890Vpk
Highest permissible over voltage
: 8000 Vpk
(Note) When an EN60747-5-2 approved type is needed, please designate the “Option(D4)”.
•Construction mechanical rating
7.62 mm pich
standard type
10.16 mm pich
TLPXXXF type
Creepage distance
Clearance
Insulation thickness
7.0 mm (Min.)
7.0 mm (Min.)
0.5 mm (Min.)
8.0 mm (Min.)
8.0 mm (Min.)
0.5 mm (Min.)
Pin configuration (top view)
1: Anode
2: Cathode
3: N.C.
4:Terminal 1
6:Terminal 2
ZC:Zero-cross circuit
1
2
3
4
6
ZC
JEDEC
TOSHIBA
11-7A9
Weight: 0.39 g (Typ.)
Unit: mm


Podobny numer części - TLP668J_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP668JF TOSHIBA-TLP668JF Datasheet
142Kb / 2P
   Household Use Equipment
TLP668JFS TOSHIBA-TLP668JFS Datasheet
142Kb / 2P
   Household Use Equipment
More results

Podobny opis - TLP668J_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP668JF TOSHIBA-TLP668JF Datasheet
142Kb / 2P
   Household Use Equipment
TLP741G TOSHIBA-TLP741G_07 Datasheet
471Kb / 6P
   Household Use Equipment
TLP665J TOSHIBA-TLP665J_07 Datasheet
220Kb / 6P
   Household Use Equipment
TLP665JF TOSHIBA-TLP665JF_07 Datasheet
152Kb / 2P
   Household Use Equipment
TLP747J TOSHIBA-TLP747J Datasheet
127Kb / 2P
   Household Use Equipment
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
TLP3051 TOSHIBA-TLP3051_07 Datasheet
224Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3051F TOSHIBA-TLP3051F Datasheet
28Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com