Zakładka z wyszukiwarką danych komponentów |
|
TLP668J Arkusz danych(PDF) 2 Page - Toshiba Semiconductor |
|
TLP668J Arkusz danych(HTML) 2 Page - Toshiba Semiconductor |
2 / 6 page TLP668J(S) 2007-10-01 2 Absolute Maximum Ratings (Ta = 25°C) Characteristic Symbol Rating Unit Forward current IF 30 mA Forward current derating (Ta≥25°C) ∆IF /°C −0.3 mA /°C Peak forward current (100μs pulse, 100pps) IFP 1 A Reverse voltage VR 5 V Junction temperature Tj 125 °C Off-state output terminal voltage VDRM 600 V Ta=25°C 100 On-state RMS current Ta=70°C IT(RMS) 50 mA On-state current derating (Ta≥25°C) ∆IT/°C -1.1 mA /°C Peak on-state current (100μs pulse, 120pps) ITP 2 A Peak nonrepetitive surge current (Pw=10ms,DC=10%) ITSM 1.2 A Junction temperature Tj 110 °C Operating temperature range Topr −40~100 °C Storage temperature range Tstg −55~125 °C Lead soldering temperature (10s) Tsol 260 °C Isolation voltage (AC,1min. , R.H. ≤60%) (Note 2) BVS 5000 Vrms Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). (Note 2) Device considered a two terminal device:Pins1,2 and 3 shorted together and pin4 and pin6 shorted together. Recommended Operating Conditions Characteristic Symbol Min. Typ. Max. Unit Supply voltage VAC — — 240 Vac Forward current IF 4.5 6 7.5 mA Peak on-state current ITP — — 1 A Operating temperature Topr −10 — 85 °C Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the device. Additionally, each item is an independent guideline respectively. In developing designs using this product, please confirm specified characteristics shown in this document. |
Podobny numer części - TLP668J |
|
Podobny opis - TLP668J |