Zakładka z wyszukiwarką danych komponentów |
|
TLP665J Arkusz danych(PDF) 1 Page - Toshiba Semiconductor |
|
TLP665J Arkusz danych(HTML) 1 Page - Toshiba Semiconductor |
1 / 6 page TLP665J(S) 2007-10-01 1 TOSHIBA Photocoupler GaAs Ired & Photo-Triac TLP665J(S) Office Machine Household Use Equipment Triac Driver Solid State Relay TOSHIBA TLP665J(S) consists of a photo-triac optically coupled to a gallium arsenide infrared emitting diode in a six lead plastic DIP package. • Peak off-State voltage: 600V (Min.) • Trigger LED current: 10mA (Max.) • On-state current: 100mA (Max.) • Isolation voltage: 5000Vrms (Min.) • UL recognized: UL1577, file No. E67349 • SEMCO approved:EN60065,EN60950-1,EN60335-1 Certificate no.708960 • BSI approved: BS EN60065:2002, file No.8385 BS EN60950-1:2002, file No.8386 • Option(D4) type VDE approved: DIN EN 60747-5-2 Certificate No. 40009302 Maximum operating insulation voltage : 890VPk Highest permissible over voltage : 8000 VPk (Note) When an EN60747-5-2 approved type is needed, please designate the “Option(D4)”. •Construction mechanical rating 7.62 mm pich standard type 10.16 mm pich TLPXXXF type Creepage distance Clearance Insulation thickness 7.0 mm (Min.) 7.0 mm (Min.) 0.5 mm (Min.) 8.0 mm (Min.) 8.0 mm (Min.) 0.5 mm (Min.) Pin configuration (top view) 1: Anode 2: Cathode 3: N.C. 4:Terminal 1 6:Terminal 2 1 2 3 4 6 JEDEC TOSHIBA 11-7A9 Weight: 0.39 g (Typ.) Unit: mm |
Podobny numer części - TLP665J_07 |
|
Podobny opis - TLP665J_07 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |