Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP665JF Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP665JF
Szczegółowy opis  Household Use Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP665JF Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP665JF Datasheet HTML 1Page - Toshiba Semiconductor TLP665JF Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLP665JF(S)
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665JF(S)
Office Machine
Household Use Equipment
Triac Driver
Solid State Relay
The TOSHIBA TLP665JF(S) consists of a photo-triac optically coupled to
a gallium arsenide infrared emitting diode in a six lead plastic DIP
package.
Absolute maximum ratings and electrical characteristics are the same as
those given in the TLP665J(S) technical data sheets.
• Peak off-state voltage: 600V (Min.)
• Trigger LED current: 10mA (Max.)
• On-state current: 100mA (Max.)
• Isolation voltage: 5000Vrms (Min.)
• UL recognized: UL1577, file No. E67349
• SEMCO approved:EN60065,EN60950-1,EN60335-1
Certificate no.708960
• BSI approved: BS EN60065:2002, file No. 8385
BS EN60950-1:2002, file No. 8386
• Option(D4) type
VDE approved: DIN EN 60747-5-2
Certificate No. 40009302
Maximum operating insulation voltage : 1140VPk
Highest permissible over voltage
: 8000VPk
(Note) When an EN60747-5-2 approved type is needed, please designate the “Option(D4)”.
• Construction mechanical rating (10.16mm pich)
Creepage distance: 8.0mm (Min.)
Clearance: 8.0mm (Min.)
Insulation thickness: 0.5mm (Min.)
1: Anode
2: Cathode
3: N.C.
4:Terminal 1
6:Terminal 2
1
2
3
4
6
Pin configuration (top view)
JEDEC
TOSHIBA
11-7A9
Weight: 0.39 g
Unit: mm


Podobny numer części - TLP665JF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP665JF TOSHIBA-TLP665JF Datasheet
96Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Podobny opis - TLP665JF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP668JF TOSHIBA-TLP668JF Datasheet
142Kb / 2P
   Household Use Equipment
TLP741G TOSHIBA-TLP741G_07 Datasheet
471Kb / 6P
   Household Use Equipment
TLP665J TOSHIBA-TLP665J_07 Datasheet
220Kb / 6P
   Household Use Equipment
TLP668J TOSHIBA-TLP668J_07 Datasheet
196Kb / 6P
   Household Use Equipment
TLP747J TOSHIBA-TLP747J Datasheet
127Kb / 2P
   Household Use Equipment
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
TLP3051 TOSHIBA-TLP3051_07 Datasheet
224Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3051F TOSHIBA-TLP3051F Datasheet
28Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com