Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP629 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP629
Szczegółowy opis  Telephone Use Equipment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP629 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP629_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP629,TLP629
−2,TLP629−4
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo−Transistor
TLP629,TLP629
−2,TLP629−4
Telecommunication
Office Machine
Telephone Use Equipment
The TOSHIBA TLP629, −2, and −4 consists of a photo−transistor
optically coupled to a gallium arsenide infrared emitting diode.
The TLP629−2 offers two isolated channels in an eight lead plastic DIP,
while the TLP629−4 provides four isolated channels in a sixteen plastic
DIP. This is suitable for application of DC input current up to 150mA.
• IF maximum rating: 150mA
• Collector−emitter voltage: 55V (min.)
• Current transfer ratio: 25% (min.) (IF=20mA)
• Isolation voltage: 5000Vrms (min.)
• UL recognized: UL1577, file no. E67349
• BSI approved: BS EN60065:2002, certificate no.7426
BS EN60950-1:2002, certificate no.7427
Pin Configurations (top view)
TOSHIBA
11−5B2
Weight: 0.26 g
TOSHIBA
11−10C4
Weight: 0.54 g
TOSHIBA
11−20A3
Weight: 1.1 g
Unit in mm


Podobny numer części - TLP629_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TLP629-3 ETC1-TLP629-3 Datasheet
86Kb / 2P
   12PIN DIP 3-CHANNELS TYPE
More results

Podobny opis - TLP629_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP629 TOSHIBA-TLP629 Datasheet
542Kb / 7P
   Telecommunication Office Machine Telephone Use Equipment
TLP180GB-TPLFT TOSHIBA-TLP180GB-TPLFT Datasheet
188Kb / 8P
   Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
logo
Sanyo Semicon Device
LA2805 SANYO-LA2805 Datasheet
248Kb / 9P
   Telephone Answering Machine Use
logo
Shenzhen Luguang Electr...
2SB1197 LUGUANG-2SB1197 Datasheet
1Mb / 2P
   Telephone and professional communication equipment.
logo
Toshiba Semiconductor
TLP747J TOSHIBA-TLP747J Datasheet
127Kb / 2P
   Household Use Equipment
TLP668J TOSHIBA-TLP668J_07 Datasheet
196Kb / 6P
   Household Use Equipment
TLP668JF TOSHIBA-TLP668JF Datasheet
142Kb / 2P
   Household Use Equipment
TLP741G TOSHIBA-TLP741G_07 Datasheet
471Kb / 6P
   Household Use Equipment
TLP665J TOSHIBA-TLP665J_07 Datasheet
220Kb / 6P
   Household Use Equipment
TLP665JF TOSHIBA-TLP665JF_07 Datasheet
152Kb / 2P
   Household Use Equipment
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com