Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP629 Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TLP629
Szczegółowy opis  Telephone Use Equipment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP629 Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TLP629_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP629,TLP629
−2,TLP629−4
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Rating
Characteristic
Symbol
TLP629
TLP629
−2,4
Unit
Forward current
IF
150
mA
Forward current derating
ΔIF / °C
−1.5 (Ta ≥ 25°C)
mA / °C
Pulse forward current
IFP
1 (100μs pulse, 100pps)
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Collector
−emitter voltage
VCEO
55
V
Emitter
−collector voltage
VECO
7
V
Collector current
IC
80
mA
Collector power dissipation
(1 circuit)
PC
150
100
mW
Collector power dissipation derating
(1 circuit, Ta ≥ 25°C)
ΔPC / °C
−1.5
−1.0
mW / °C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−55~100
°C
Lead soldering temperature
Tsol
260 (10s)
°C
Total package power dissipation
PT
250
200
mW
Total package power dissipation derating
(Ta≥25°C)
ΔPT / °C
−2.5
2.0
mW / °C
Isolation voltage
(Note 1)
BVS
5000 (AC, 1min., RH ≤ 60%)
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1) Device considered a two terminal: LED side pins shorted together, and detector side pins shorted together.
Recommended Operating Conditions
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
5
24
V
Forward current
IF
20
120
mA
Collector current
IC
1
10
mA
Operating temperature
Topr
−25
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.


Podobny numer części - TLP629_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TLP629-3 ETC1-TLP629-3 Datasheet
86Kb / 2P
   12PIN DIP 3-CHANNELS TYPE
More results

Podobny opis - TLP629_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP629 TOSHIBA-TLP629 Datasheet
542Kb / 7P
   Telecommunication Office Machine Telephone Use Equipment
TLP180GB-TPLFT TOSHIBA-TLP180GB-TPLFT Datasheet
188Kb / 8P
   Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
logo
Sanyo Semicon Device
LA2805 SANYO-LA2805 Datasheet
248Kb / 9P
   Telephone Answering Machine Use
logo
Shenzhen Luguang Electr...
2SB1197 LUGUANG-2SB1197 Datasheet
1Mb / 2P
   Telephone and professional communication equipment.
logo
Toshiba Semiconductor
TLP747J TOSHIBA-TLP747J Datasheet
127Kb / 2P
   Household Use Equipment
TLP668J TOSHIBA-TLP668J_07 Datasheet
196Kb / 6P
   Household Use Equipment
TLP668JF TOSHIBA-TLP668JF Datasheet
142Kb / 2P
   Household Use Equipment
TLP741G TOSHIBA-TLP741G_07 Datasheet
471Kb / 6P
   Household Use Equipment
TLP665J TOSHIBA-TLP665J_07 Datasheet
220Kb / 6P
   Household Use Equipment
TLP665JF TOSHIBA-TLP665JF_07 Datasheet
152Kb / 2P
   Household Use Equipment
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com