Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP629 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP629
Szczegółowy opis  Telephone Use Equipment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP629 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP629_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP629_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP629,TLP629
−2,TLP629−4
2007-10-01
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 100 mA
1.4
1.7
V
Forward current
IF
VF = 0.7 V
2.5
20
μA
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
50
pF
Collector
−emitter
breakdown voltage
V(BR) CEO
IC = 0.5 mA
55
V
Emitter
−collector
breakdown voltage
V(BR) ECO
IE = 0.1 mA
7
V
VCE = 24 V
10
100
nA
Collector dark current
ICEO
VCE = 24 V, Ta = 85°C
2
50
μA
Capacitance collector to emitter
CCE
V = 0, f = 1 MHz
10
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn.
Typ.
Max.
Unit
IC / IF
IF = 20 mA, VCE = 1 V
25
Current transfer ratio
IC / IF
(high)
IF = 100 mA, VCE = 1 V
20
80
%
IC = 2.4 mA, IF = 20 mA
0.4
Collector
−emitter saturation voltage
VCE (sat)
IC = 2.4 mA, IF = 100 mA
0.4
V
Off
−state collector current
IC(off)
VF = 0.7V, VCEO = 24 V
1
1.0
μA
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V
5×10
10
10
14
AC, 1 minute
5000
AC, 1 second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc


Podobny numer części - TLP629_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TLP629-3 ETC1-TLP629-3 Datasheet
86Kb / 2P
   12PIN DIP 3-CHANNELS TYPE
More results

Podobny opis - TLP629_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP629 TOSHIBA-TLP629 Datasheet
542Kb / 7P
   Telecommunication Office Machine Telephone Use Equipment
TLP180GB-TPLFT TOSHIBA-TLP180GB-TPLFT Datasheet
188Kb / 8P
   Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
logo
Sanyo Semicon Device
LA2805 SANYO-LA2805 Datasheet
248Kb / 9P
   Telephone Answering Machine Use
logo
Shenzhen Luguang Electr...
2SB1197 LUGUANG-2SB1197 Datasheet
1Mb / 2P
   Telephone and professional communication equipment.
logo
Toshiba Semiconductor
TLP747J TOSHIBA-TLP747J Datasheet
127Kb / 2P
   Household Use Equipment
TLP668J TOSHIBA-TLP668J_07 Datasheet
196Kb / 6P
   Household Use Equipment
TLP668JF TOSHIBA-TLP668JF Datasheet
142Kb / 2P
   Household Use Equipment
TLP741G TOSHIBA-TLP741G_07 Datasheet
471Kb / 6P
   Household Use Equipment
TLP665J TOSHIBA-TLP665J_07 Datasheet
220Kb / 6P
   Household Use Equipment
TLP665JF TOSHIBA-TLP665JF_07 Datasheet
152Kb / 2P
   Household Use Equipment
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com