Zakładka z wyszukiwarką danych komponentów |
|
TLP627-4 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor |
|
TLP627-4 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor |
3 / 8 page TLP627,TLP627-2,TLP627-4 2007-10-01 3 Individual Electrical Characteristics (Ta=25°C) CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Forward Voltage VF IF = 10 mA 1.0 1.15 1.3 V Reverse Current IR VR = 5 V — — 10 μA Capacitance CT V = 0 , f=1MHz — 30 — pF Collector-Emitter Breakdown Voltage V(BR)CEO IC = 0.1mA 300 — — V Emitter-Collector Breakdown Voltage V(BR)ECO IE = 0.1mA 0.3 — — V VCE = 200V — 10 200 nA Collector Dark Current ICEO VCE = 200V , Ta = 85°C — — 20 μA Capacitance Collector to Emitter CCE V=0 , f=1MHz — 10 — pF Coupled Electrical Characteristics (Ta=25°C) CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Current Transfer Ratio IC/IF IF=1mA , VCE=1V 1000 4000 — % Saturated CTR IC/IF(sat) IF=10mA , VCE=1V 500 — — % IC=10mA , IF=1mA — — 1.0 Collector-Emitter Saturation Voltage VCE(sat) IC=100mA , IF=10mA 0.3 — 1.2 V Isolation Electrical Characteristics (Ta=25°C) CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Capacitance Input to Output CS VS=0 , f=1MHz — 0.8 — pF Isolation Resistance RS VS=500V , R.H.≤60% 5 ×1010 10 14 — Ω AC, 1minute 5000 — — AC, 1second, in oil — 10000 — Vrms Isolation Voltage BVs DC, 1 minute, in oil — 10000 — Vdc |
Podobny numer części - TLP627-4 |
|
Podobny opis - TLP627-4 |