Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP627A Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TLP627A
Szczegółowy opis  PROGRAMMABLE CONTROLLERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP627A Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TLP627A Datasheet HTML 1Page - Toshiba Semiconductor TLP627A Datasheet HTML 2Page - Toshiba Semiconductor TLP627A Datasheet HTML 3Page - Toshiba Semiconductor TLP627A Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLP627A,TLP627A-2,TLP627A-4
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
RATING
CHARACTERISTICS
SYMBOL
TLP627A
TLP627A−2
TLP627A−4
UNIT
Forward Current
IF
60
50
mA
Forward Current Derating
Δ
IF /℃
−0.7 (Ta≧39℃) −0.5 (Ta≧25℃)mA /℃
Pulse Forward Current
IFP
1 (100μs Pulse、100 pps)
A
Reverse Voltage
VR
5
V
Collector-Emitter Voltage
VCEO
350
V
Emitter-Collector Voltage
VECO
0.3
V
Collector Current
IC
150
mA
Collector Power Dissipation (1 circuit)
PC
150
(300)
(* )
100
mW
Collector Power Dissipation Derating
(Ta≧25℃, 1 Circuit)
Δ
PC /℃
−1.5
(−3.5)
(* )
−1.0
mA /℃
Storage Temperature Range
Tstg
−55~125
Operating Temperature Range
Topr
−55~100
Lead Soldering Temperature
Tsol
260 (10 sec)
Total Package Power Dissipation (1 circuit)
PT
250
(320)
(* )
150
mW
Total Package Power Dissipation Derating
(Ta≧25℃, 1 circuit)
Δ
PT /℃
−2.5
(−3.2)
(* )
−1.5
mW /℃
Isolation Voltage
BVS
5000
(AC、1 min、R.H.≦60%) (** )
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
*
: IF = 20 mA max
** : Device considered a two terminal device : LED side pins shorted together and
DETECTOR side pins shorted together.
Recommended Operating Conditions
CHARACTERISTICS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
200
V
Forward Current
IF
16
25
mA
Collector Current
IC
120
mA
Operating Temperature
Topr
−25
85
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Individual Electrical Characteristics (Ta = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
10
μ
A
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Collector-Emitter Breakdown Voltage
V (BR) CEO
IC = 0.1 mA
350
V
Emitter-Collector Breakdown Voltage
V (BR) ECO
IE = 0.1 mA
0.3
V
VCE = 300 V
10
200
nA
Collector Dark Current
ICEO
VCE = 300 V, Ta = 85℃
20
μ
A
Capacitance Collector to Emitter
CCE
V = 0, f = 1 MHz
10
pF


Podobny numer części - TLP627A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP627 TOSHIBA-TLP627 Datasheet
367Kb / 8P
   PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.
TLP627 TOSHIBA-TLP627 Datasheet
758Kb / 8P
   GaAs IRED & PHOTO-TRANSISTOR
logo
ISOCOM COMPONENTS
TLP627 ISOCOM-TLP627 Datasheet
77Kb / 2P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
logo
Toshiba Semiconductor
TLP627 TOSHIBA-TLP627 Datasheet
722Kb / 8P
   Programmable Controllers DC-output Module Telecommunication
TLP627-2 TOSHIBA-TLP627-2 Datasheet
367Kb / 8P
   PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.
More results

Podobny opis - TLP627A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com