Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP627A-2 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP627A-2
Szczegółowy opis  PROGRAMMABLE CONTROLLERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP627A-2 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP627A-2 Datasheet HTML 1Page - Toshiba Semiconductor TLP627A-2 Datasheet HTML 2Page - Toshiba Semiconductor TLP627A-2 Datasheet HTML 3Page - Toshiba Semiconductor TLP627A-2 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLP627A,TLP627A-2,TLP627A-4
2007-10-01
3
Coupled Electrical Characteristics (Ta = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Current Transfer Ratio
IC / IF
IF = 1 mA, VCE = 1 V
1500
4000
%
Saturated CTR
IC / IF (sat)
IF = 10 mA, VCE = 1 V
500
%
IC = 15 mA, IF = 1 mA
1.0
Collector-Emitter Saturation Voltage
VCE (sat)
IC = 100 mA, IF = 10 mA
0.3
1.2
V
Isolation Characteristics (Ta = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Capacitance Input to Output
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation Resistance
RS
VS = 500 V, R.H.≦60%
5×10
12
10
14
Ω
AC、1 minite
5000
AC、1 second、in oil
10000
Vrms
Isolation Voltage
BVS
DC、1 second、in oil
10000
Vdc
Switching Characteristics (Ta = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Rise Time
tr
40
Fall Time
tf
15
Turn-on Time
ton
50
Turn-off Time
toff
VCC = 10 V
IC = 10 mA
RL = 100Ω
15
μ
s
Turn-on Time
tON
5
Strage Time
ts
40
Turn-off Time
tOFF
RL = 180Ω
(Fig.1)
VCC = 10 V, IF = 16 mA
80
μ
s
Fig.1: SWITCHING TIME TEST CIRCUIT


Podobny numer części - TLP627A-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP627 TOSHIBA-TLP627 Datasheet
367Kb / 8P
   PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.
TLP627 TOSHIBA-TLP627 Datasheet
758Kb / 8P
   GaAs IRED & PHOTO-TRANSISTOR
logo
ISOCOM COMPONENTS
TLP627 ISOCOM-TLP627 Datasheet
77Kb / 2P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
logo
Toshiba Semiconductor
TLP627 TOSHIBA-TLP627 Datasheet
722Kb / 8P
   Programmable Controllers DC-output Module Telecommunication
TLP627-2 TOSHIBA-TLP627-2 Datasheet
367Kb / 8P
   PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.
More results

Podobny opis - TLP627A-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com