Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1284FN Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TA1284FN
Szczegółowy opis  UHF / VHF TUNER IC (Low Phase Noise Oscillator)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1284FN Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TA1284FN Datasheet HTML 1Page - Toshiba Semiconductor TA1284FN Datasheet HTML 2Page - Toshiba Semiconductor TA1284FN Datasheet HTML 3Page - Toshiba Semiconductor TA1284FN Datasheet HTML 4Page - Toshiba Semiconductor TA1284FN Datasheet HTML 5Page - Toshiba Semiconductor TA1284FN Datasheet HTML 6Page - Toshiba Semiconductor TA1284FN Datasheet HTML 7Page - Toshiba Semiconductor TA1284FN Datasheet HTML 8Page - Toshiba Semiconductor TA1284FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TA1284FN
2003-02-06 3/9
PIN
No.
PIN NAME
FUNCTION
INTERFACE
7
8
VHF input
VHF-RF input.
Normally, ground pin 7 to AC using a
capacitor and input to pin 8.
9
10
UHF input
UHF·RF input.
Either apply balanced input to pins 9
and 10 or ground pin 10 to AC and
input to pin 9.
11
REG
Regulator output.
12
U / V band switch
Band changeover switch.
VHF ; [L] or Open
UHF ; [H]
* [L] = 0 V
[H] = VCC
13
VCC (OSC)
VCC pin (oscillator block)
14
15
UHF Oscillator
UHF oscillator.
Oscillator circuit is low phase noise.
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Supply Voltage
VCC
6.5
V
Power Dissipation
PD
568
[IC only]
mW
Operating Temperature
Topr
−20~85
°C
Storage Temperature
Tstg
−55~150
°C
Note:
When using the device at above Ta = 25°C, decrease the power dissipation by 4.6 mW for each increase of
1°C.


Podobny numer części - TA1284FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1284FN TOSHIBA-TA1284FN Datasheet
316Kb / 9P
   UHF/VHF TUNER IC (LOW PHASE NOISE OSCILLATOR)
More results

Podobny opis - TA1284FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1284FN TOSHIBA-TA1284FN Datasheet
316Kb / 9P
   UHF/VHF TUNER IC (LOW PHASE NOISE OSCILLATOR)
logo
TEMIC Semiconductors
U2309B TEMIC-U2309B Datasheet
189Kb / 8P
   VHF/ UHF-Tuner-IC
logo
Toshiba Semiconductor
TA1281F TOSHIBA-TA1281F Datasheet
376Kb / 12P
   UHF/VHF TUNER IC
TA1231F TOSHIBA-TA1231F Datasheet
375Kb / 12P
   UHF/VHF TUNER IC
logo
TEMIC Semiconductors
U2305B TEMIC-U2305B Datasheet
202Kb / 8P
   VHF/ UHF-Tuner-IC
logo
Siemens Semiconductor G...
MTI3006X SIEMENS-MTI3006X Datasheet
327Kb / 14P
   VHF/UHF-Tuner IC
logo
TEMIC Semiconductors
U2320B TEMIC-U2320B Datasheet
159Kb / 7P
   VHF/UHF Tuner-IC
logo
Fairchild Semiconductor
KSC1730 FAIRCHILD-KSC1730 Datasheet
41Kb / 4P
   TV VHF, UHF Tuner Oscillator
KSC1730YTA FAIRCHILD-KSC1730YTA Datasheet
46Kb / 4P
   TV VHF, UHF Tuner Oscillator
logo
Siemens Semiconductor G...
TUA2019-5X SIEMENS-TUA2019-5X Datasheet
447Kb / 15P
   VHF I / VHF II / UHF-Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com