Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1290FN Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TA1290FN
Szczegółowy opis  PIF IC FOR TV
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1290FN Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TA1290FN_01 Datasheet HTML 1Page - Toshiba Semiconductor TA1290FN_01 Datasheet HTML 2Page - Toshiba Semiconductor TA1290FN_01 Datasheet HTML 3Page - Toshiba Semiconductor TA1290FN_01 Datasheet HTML 4Page - Toshiba Semiconductor TA1290FN_01 Datasheet HTML 5Page - Toshiba Semiconductor TA1290FN_01 Datasheet HTML 6Page - Toshiba Semiconductor TA1290FN_01 Datasheet HTML 7Page - Toshiba Semiconductor TA1290FN_01 Datasheet HTML 8Page - Toshiba Semiconductor TA1290FN_01 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TA1290FN
2001-02-26 3/13
TERMINAL FUNCTION
PIN
No
PIN NAME
FUNCTION
INTERFACE
1
16
Video Coil
Connect video detection coil.
2
AFT Coil
Connect AFT detection coil.
AFT output is defeated when this
terminal is connected to GND.
3
N.C.
4
VCC
Connect bypass capacitor between
this terminal and PIF GND with
shortest wiring. (Typ. : 9V)
5
2nd AGC
Filter
6
1st AGC
Filter
This IC is adopted dual time constant
AGC circuit to improve AGC
responsibility.
To mute picture, connect pin 6 with
GND.


Podobny numer części - TA1290FN_01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1290FN TOSHIBA-TA1290FN Datasheet
404Kb / 13P
   PIF IC FOR TV
More results

Podobny opis - TA1290FN_01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1290FN TOSHIBA-TA1290FN Datasheet
404Kb / 13P
   PIF IC FOR TV
TA8700AN TOSHIBA-TA8700AN Datasheet
540Kb / 16P
   PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N Datasheet
838Kb / 21P
   PLL PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N_01 Datasheet
857Kb / 22P
   PLL PIF/SIF IC FOR TV/VTR
TA8701AN TOSHIBA-TA8701AN Datasheet
607Kb / 18P
   PIF/SIF ATT IC FOR TV/VTR
TA8712N TOSHIBA-TA8712N Datasheet
521Kb / 12P
   PIF QIF SYSTEM FOR TV
logo
Samsung semiconductor
KSC1188 SAMSUNG-KSC1188 Datasheet
73Kb / 2P
   NPN (TV PIF AMPLIFIER)
logo
Fujitsu Component Limit...
F811CPL FUJITSU-F811CPL Datasheet
89Kb / 5P
   IF Filter for TV(PIFSIF)
logo
NTE Electronics
NTE15003 NTE-NTE15003 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
NTE1775 NTE-NTE1775 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com