Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1318AFG Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TA1318AFG
Szczegółowy opis  SYNC Processor, Frequency Counter IC for TV Component Signals
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1318AFG Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TA1318AFG Datasheet HTML 1Page - Toshiba Semiconductor TA1318AFG Datasheet HTML 2Page - Toshiba Semiconductor TA1318AFG Datasheet HTML 3Page - Toshiba Semiconductor TA1318AFG Datasheet HTML 4Page - Toshiba Semiconductor TA1318AFG Datasheet HTML 5Page - Toshiba Semiconductor TA1318AFG Datasheet HTML 6Page - Toshiba Semiconductor TA1318AFG Datasheet HTML 7Page - Toshiba Semiconductor TA1318AFG Datasheet HTML 8Page - Toshiba Semiconductor TA1318AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TA1318AFG
2006-02-27
1
TOSHIBA Bipolar Linear Integrated Circuit
Silicon Monolithic
TA1318AFG
SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AFG is a sync processor for TV component signals.
TA1318AFG provides sync and frequency counter processing
for external input signals.
These functions are integrated in a 30 pin SSOP-type plastic
package.
TA1318AFG provides I2C bus interface, so various functions
and controls are adjustable via the bus.
Features
• Horizontal synchronization circuit (15.75 kHz, 31.5 kHz, 33.75
kHz, 45 kHz)
• Vertical synchronization circuit (525I, 525P, 625I, 750P, 1125I, 1125P, PAL 100 Hz, NTSC 120 Hz)
• Horizontal and vertical frequency counter
• Horizontal PLL
• Accepts 2-level and 3-level sync
• Accepts both negative and positive HD and VD
• Clamp pulse output
• HD, VD output (polarity inverter)
• Separated sync output
• Mask for the copy guard signal
Weight: 0.63 g (typ.)


Podobny numer części - TA1318AFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1318AF TOSHIBA-TA1318AF Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
More results

Podobny opis - TA1318AFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG_05 Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AF TOSHIBA-TA1318AF Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318NG TOSHIBA-TA1318NG Datasheet
897Kb / 41P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TB1305FG TOSHIBA-TB1305FG Datasheet
661Kb / 33P
   Component SW, Sync Separation and H/V Frequency Counter IC for TVs
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
logo
Maxim Integrated Produc...
MAX9568 MAXIM-MAX9568 Datasheet
248Kb / 16P
   Component Analog TV Sync Separator
Rev 1; 12/08
logo
Toshiba Semiconductor
TA8819FG TOSHIBA-TA8819FG Datasheet
1Mb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAYBACK IC FOR LCD TV
TA1317AFG TOSHIBA-TA1317AFG Datasheet
1Mb / 58P
   Deflection Processor IC for TV
TA1317ANG TOSHIBA-TA1317ANG Datasheet
1Mb / 59P
   Deflection Processor IC for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com