Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1360ANG Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TA1360ANG
Szczegółowy opis  YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1360ANG Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TA1360ANG Datasheet HTML 1Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 2Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 3Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 4Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 5Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 6Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 7Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 8Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
TA1360ANG
2005-08-18
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1360ANG
YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double
Scan TV
The TA1360ANG integrates an analog component signal
(YCbCr/YPbPr) processor and sync processor in a 56-pin shrink
DIP plastic package. The IC is ideal for digital TVs, progressive
TVs, and double scan TVs.
The luminance block and the color difference block incorporate
the high performance signal processing circuits. The sync
processor block supports 525I/60, 625I/50, 525P/60, 625P/50,
1125I/50, 1125I/60, 750P/60, (750P/50), PAL100 Hz, NTSC120 Hz,
and SVGA/60(VESA).
The TA1360ANG incorporates the I2C bus. The device can
control various functions via the bus line.
Features
Luminance Block
• Black stretch circuit and DC restoration rate correction circuit
• Dynamic γ correction circuit (gray scale correction)
• SRT (LTI)
• Y group delay correction (shoot balance correction)
• High-bright color circuit
• Color detail enhancer (CDE)
• White pulse limiter (WPL)
• VSM output
Color difference Block
• Flesh color correction
• Dynamic Y/C correction circuit
• Color SRT (CTI)
• Color γ circuit
• Green stretch
• Blue stretch
Text Block
• OSD blending SW
• ACB (only black level)
• Two analog RGB inputs
Synchronization Block
• Horizontal sync (15.75 k, 28.125 k, 31.5 k, 33.75 k, 37.9 k, 45 kHz)
• Vertical sync (525I/P, 625I/P, 750P, 1125I/P, PAL 100 Hz/NTSC 120 Hz
• 2- and 3-level sync separator circuit
• HD/VD input (positive and negative polarities)
• Copy guard
• Vertical blanking
Weight: 5.55 g (typ.)


Podobny numer części - TA1360ANG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1360ANG TOSHIBA-TA1360ANG Datasheet
1Mb / 108P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results

Podobny opis - TA1360ANG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1360AFG TOSHIBA-TA1360AFG_05 Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
logo
NTE Electronics
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
   Integrated Circuit TV Sync Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com