Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA2008AN Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TA2008AN
Szczegółowy opis  5V AM / FM 1 Chip Tuner IC (for digital tuning system)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2008AN Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TA2008AN_02 Datasheet HTML 1Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 2Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 3Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 4Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 5Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 6Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 7Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 8Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TA2008AN
2002-10-30
5
DC Voltage (V)
(at no signal)
Pin
No.
Characteristic
Internal Circuit
AM
FM
13
VCO
5.0
4.1
14
LPF2
LPF terminal for synchronous detector.
VCO stop terminal
V14 = GND → VCO stop
5.0
3.4
15
LPF1
LPF terminal for phase detector
Bias terminal for AM / FM SW circuit
V15 = GND → AM
V15 = open → FM
0
2.8
16
FM ST DET in
1.4
1.4


Podobny numer części - TA2008AN_02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA2008ANG TOSHIBA-TA2008ANG Datasheet
638Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
More results

Podobny opis - TA2008AN_02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA2008ANG TOSHIBA-TA2008ANG Datasheet
638Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
TA2008AN TOSHIBA-TA2008AN Datasheet
422Kb / 12P
   5V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
   3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2149BN TOSHIBA-TA2149BN Datasheet
243Kb / 15P
   3 V AM/FM 1 Chip Tuner IC (for Digital Tuning System)
logo
Silan Microelectronics ...
SA2104 SILAN-SA2104 Datasheet
422Kb / 12P
   3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
Toshiba Semiconductor
TS7792P TOSHIBA-TS7792P Datasheet
388Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Tiger Electronic Co.,Lt...
TA7792 TGS-TA7792 Datasheet
476Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Unisonic Technologies
TA8127 UTC-TA8127 Datasheet
144Kb / 8P
   3V AM / FM 1 CHIP TUNER IC
logo
Toshiba Semiconductor
TA2111N TOSHIBA-TA2111N Datasheet
598Kb / 18P
   3V AM/FM 1 CHIP TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com