Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA2030FN Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TA2030FN
Szczegółowy opis  TV / FM System F / E (1.5V USE)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2030FN Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TA2030FN_02 Datasheet HTML 1Page - Toshiba Semiconductor TA2030FN_02 Datasheet HTML 2Page - Toshiba Semiconductor TA2030FN_02 Datasheet HTML 3Page - Toshiba Semiconductor TA2030FN_02 Datasheet HTML 4Page - Toshiba Semiconductor TA2030FN_02 Datasheet HTML 5Page - Toshiba Semiconductor TA2030FN_02 Datasheet HTML 6Page - Toshiba Semiconductor TA2030FN_02 Datasheet HTML 7Page - Toshiba Semiconductor TA2030FN_02 Datasheet HTML 8Page - Toshiba Semiconductor TA2030FN_02 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TA2030FN
2002-10-30
5
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage
VCC
4.5
V
Power dissipation
(Note)
PD
400
mW
Operating temperature
Topr
-25~75
Storage temperature
Tstg
-55~150
°C
(Note) Derated above Ta = 25°C in the proportion of 3.2mW / °C
Electrical Characteristics
Unless Otherwise Specified, VCC = 1.2V, Ta = 25°C, fFM = 92MHz, fTV = 200MHz
∆f = ± 22.5kHz, fm = 1kHz, SW2 : b
Characteristic
Symbol
Test
Cir
-
cuit
SW1
Test Condition
Min.
Typ.
Max.
Unit
ICC1
IC OFF, SW2: a
0.1
5
µA
ICC2
a
FM mode
4.4
6.6
Supply current
ICC3
1
b
Vin <
-20bBµV EMF
TV mode
6.3
9.5
mA
Conversion gain
GC1
2
Vin = 65dBµV EMF
29
33
dB
Local oscillator
voltage
VOSC1
360
OSC buffer
output voltage
VBUF1
50
mVrms
FM
Local oscillator
stop voltage
VSTP1
3
a
fosc = 65MHz
0.89
0.95
V
Conversion gain
GC2
2
Vin = 65dBµV EMF
25
29
dB
Local oscillator
voltage
VOSC2
180
OSC buffer
output voltage
VBUF2
22
mVrms
TV
Local oscillator
stop voltage
VSTP2
3
b
fosc = 165MHz
0.86
0.95
V
Power on current
I7
a
VCC = 0.95V, V2 ≤ 0.2 V
SW2: d
V4 ≥ 0.4 V
5
µA
Power off voltage
V7
a
VCC = 0.95V, V2 ≤ 0.2 V
SW2: c
V4 ≤ 0.2 V
0
0.3
V
TV mode on current
I6
d
VCC = 0.95V, V2 ≥ 0.4 V
V4 ≤ 0.2 V
5
µA
FM mode on
voltage
V6
1
c
VCC = 0.95V, V2 ≤ 0.2 V
V4 ≥ 0.4 V
0
0.3
V


Podobny numer części - TA2030FN_02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA2030FNG TOSHIBA-TA2030FNG Datasheet
817Kb / 11P
   TV / FM System F / E (1.5V USE)
More results

Podobny opis - TA2030FN_02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA2030FNG TOSHIBA-TA2030FNG Datasheet
817Kb / 11P
   TV / FM System F / E (1.5V USE)
TA8182FN TOSHIBA-TA8182FN Datasheet
354Kb / 10P
   TV/FM SYSTEM F/E (1.5V USE)
TA2030FN TOSHIBA-TA2030FN Datasheet
339Kb / 10P
   TV/FM SYSTEM F/E (1.5V USE)
TA7765AF TOSHIBA-TA7765AF Datasheet
355Kb / 9P
   AM/FM IF SYSTEM (1.5V USE)
TS7792P TOSHIBA-TS7792P Datasheet
388Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Tiger Electronic Co.,Lt...
TA7792 TGS-TA7792 Datasheet
476Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Toshiba Semiconductor
TA7766AF TOSHIBA-TA7766AF Datasheet
358Kb / 9P
   FM PLL MPX (1.5V USE)
TA7371AF TOSHIBA-TA7371AF Datasheet
269Kb / 7P
   FM FRONT-END (1.5V USE)
TA2029FN TOSHIBA-TA2029FN Datasheet
546Kb / 14P
   FM F/EAM/FM IFPW IC FOR DIGITAL TUNING SYSTEM
TA7757P TOSHIBA-TA7757P Datasheet
607Kb / 9P
   FM/AM IF SYSTEM (3V USE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com