Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA2136FG Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TA2136FG
Szczegółowy opis  Sound Retrieval System; 3D Sound IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2136FG Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TA2136FG Datasheet HTML 1Page - Toshiba Semiconductor TA2136FG Datasheet HTML 2Page - Toshiba Semiconductor TA2136FG Datasheet HTML 3Page - Toshiba Semiconductor TA2136FG Datasheet HTML 4Page - Toshiba Semiconductor TA2136FG Datasheet HTML 5Page - Toshiba Semiconductor TA2136FG Datasheet HTML 6Page - Toshiba Semiconductor TA2136FG Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TA2136FG/NG
2006-04-27
1
TOSHIBA Bipolar Liner Integrated Circuit
Silicon Monolithic
TA2136FG,TA2136NG
Sound Retrieval System; 3D Sound IC
The device incorporated the SRS; Sound Retrieval System under
license from SRS Labs, Inc.
The TA2136FG/TA2136NG is the IC with the Sound Retrieval
System to make 3D sound. It supports both stereo and monaural
signal inputs. This allows TA2136FG/TA2136NG to be suitable
for various audio systems such as TVs, stereo equipments, radio
cassette recorders, video game machines, electronic organs, and
PC units.
Features
• Incorporates three mode selectors.
(1) Monaural mode (SRS 3D mono)
(2) Stereo mode (SRS 3D stereo)
(3) Bypass mode (bypass mode)
• Center and space controlling functions
• Wide operation supply voltage
: VCC (ope.) = 4.5 to 12 V (Ta = 25℃)
Block Diagram
Note 1: This device is vulnerable to surge voltages. Take it into account when using this device in your system.
The SRS; Sound Retrieval System and
are registered trademarks of SRS Labs, Inc.
TA2136FG
TA2136NG
Weight
P-SSOP24-300-1.00 : 0.31 g (typ.)
P-SDIP24-300-1.78 : 1.2 g (typ.)
R
− L
L
+ R
+
8
9
7
5
6
4
3
2
1
12
11
10
17
16
18
20
19
21
22
23
24
13
14
15
Mode selector
Vref
3D FILTER
P-SSOP24-300-1.00
P-SDIP24-300-1.78


Podobny numer części - TA2136FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA2136F TOSHIBA-TA2136F Datasheet
145Kb / 7P
   TOSHIBA Bipolar Liner Integrated Circuit Silicon Monolithic
More results

Podobny opis - TA2136FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4237B CIRRUS-CS4237B Datasheet
1Mb / 114P
   CrystalClear Advanced Audio System with 3D Sound
logo
Mitsubishi Electric Sem...
M62438FP MITSUBISHI-M62438FP Datasheet
190Kb / 12P
   SRS 3D SOUND PROCESSOR
M62458FP MITSUBISHI-M62458FP Datasheet
45Kb / 6P
   SRS 3D SOUND PROCESSOR
logo
Renesas Technology Corp
M62458FP RENESAS-M62458FP Datasheet
2Mb / 7P
   SRS 3D SOUND PROCESSOR
logo
Mitsubishi Electric Sem...
M62455P MITSUBISHI-M62455P Datasheet
198Kb / 12P
   SRS 3D SOUND PROCESSOR
logo
Renesas Technology Corp
M62438FP RENESAS-M62438FP Datasheet
115Kb / 7P
   Simplified SRS 3D Sound Processor
logo
Samsung semiconductor
KA2102A SAMSUNG-KA2102A Datasheet
148Kb / 4P
   TV SOUND SYSTEM
logo
Rohm
BH3852S ROHM-BH3852S Datasheet
198Kb / 11P
   Sound control IC
BH3874AKS2 ROHM-BH3874AKS2 Datasheet
261Kb / 25P
   Sound processor IC
logo
LSI Computer Systems
BH3878KS2 LSI-BH3878KS2 Datasheet
228Kb / 2P
   Sound Processor IC
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com