Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA2152FLG Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TA2152FLG
Szczegółowy opis  Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2152FLG Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TA2152FLG Datasheet HTML 1Page - Toshiba Semiconductor TA2152FLG Datasheet HTML 2Page - Toshiba Semiconductor TA2152FLG Datasheet HTML 3Page - Toshiba Semiconductor TA2152FLG Datasheet HTML 4Page - Toshiba Semiconductor TA2152FLG Datasheet HTML 5Page - Toshiba Semiconductor TA2152FLG Datasheet HTML 6Page - Toshiba Semiconductor TA2152FLG Datasheet HTML 7Page - Toshiba Semiconductor TA2152FLG Datasheet HTML 8Page - Toshiba Semiconductor TA2152FLG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TA2152FLG
2006-04-19
4
Pin
No.
Name
Function
Internal Circuit
Pin
Voltage (V)
13
C-AMP SW
Center amplifier switch
C-Cup type: GND
OCL type: Open
16
BEEP IN
Beep signal input
If the beep function is not used,
this pin is connected to GND.
17
MUTE SW
Mute switch
Mute OFF: L level
Mute ON: H level
Refer to application note (6)
18
PW SW
Power switch
IC ON: H level
IC OFF: L level
Refer to application note (6)
19
MUTE TC
Mute smoothing
Reduces pop noises during
switching.
10 k
16
17
VCC1
62 k
VCC1
100 k
18
VCC1
to center amplifier
13
VCC1
19


Podobny numer części - TA2152FLG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
More results

Podobny opis - TA2152FLG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2160FNG TOSHIBA-TA2160FNG Datasheet
275Kb / 17P
   Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
   3 V Stereo Headphone Amplifier (3 V USE)
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
logo
Sanyo Semicon Device
LA4587M SANYO-LA4587M Datasheet
342Kb / 18P
   Preamplifier Power Amplifier for 1.5 V Headphone Stereos
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
   1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2170FLG TOSHIBA-TA2170FLG Datasheet
231Kb / 13P
   Low Current Consumption Headphone Amplifier (Built-in Input Selector)
TA2170FTG TOSHIBA-TA2170FTG Datasheet
229Kb / 12P
   Low Current Consumption Headphone Amplifier (Built-in input selector)
logo
Sanyo Semicon Device
LA4582CM SANYO-LA4582CM Datasheet
143Kb / 6P
   Pre Power Amplifier for 3-V Headphone Stereo Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com