Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA2152FNG Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TA2152FNG
Szczegółowy opis  Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2152FNG Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TA2152FNG Datasheet HTML 1Page - Toshiba Semiconductor TA2152FNG Datasheet HTML 2Page - Toshiba Semiconductor TA2152FNG Datasheet HTML 3Page - Toshiba Semiconductor TA2152FNG Datasheet HTML 4Page - Toshiba Semiconductor TA2152FNG Datasheet HTML 5Page - Toshiba Semiconductor TA2152FNG Datasheet HTML 6Page - Toshiba Semiconductor TA2152FNG Datasheet HTML 7Page - Toshiba Semiconductor TA2152FNG Datasheet HTML 8Page - Toshiba Semiconductor TA2152FNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TA2152FNG
2006-04-19
3
Pin Descriptions
Pin Voltage: Typical pin voltage for test circuit when no input signal is applied
(VCC1 = 2.4 V, VCC2 = 1.2 V, Ta = 25°C)
Pin
No.
Name
Function
Internal Circuit
Pin
Voltage (V)
1
NC
2
NC
Not connected
3
BEEP OUTB
10
BEEP OUTA
Outputs for beep signal
4
OUTB
6
OUTC
9
OUTA
Outputs from power amplifier
0.6
7
PW GND
GND for power drive stage
0
11
VCC2
VCC for power drive stage
1.2
5
EQB
8
EQA
Low-pass compensation pins
0.6
12
INA
13
INB
Inputs to power amplifier
0.6
14
VCC1
VCC for everything other than
power drive stage
2.4
19
BIAS OUT
Bias circuit output
0.6
22
RF IN
Ripple filter input
1.1
23
BIAS IN
Bias circuit output
0.6
24
OUT ADJ
DC output voltage adjustment
Either connect this pin or leave it
open depending on the level of
VCC2.
If the power supply of a 1.5 V
system is applied to VCC2.
connect this pin to BIAS IN (pin
23).
If the power supply of a 3 V
system is applied to VCC2, leave
this pin open.
0.6
VCC2
10
VCC2
11
9
7
20 k
15 k
43 k
12
8
9
VCC2
VCC1
19
14
24
22
23


Podobny numer części - TA2152FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
More results

Podobny opis - TA2152FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2160FNG TOSHIBA-TA2160FNG Datasheet
275Kb / 17P
   Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
   3 V Stereo Headphone Amplifier (3 V USE)
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
logo
Sanyo Semicon Device
LA4587M SANYO-LA4587M Datasheet
342Kb / 18P
   Preamplifier Power Amplifier for 1.5 V Headphone Stereos
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
   1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2170FLG TOSHIBA-TA2170FLG Datasheet
231Kb / 13P
   Low Current Consumption Headphone Amplifier (Built-in Input Selector)
TA2170FTG TOSHIBA-TA2170FTG Datasheet
229Kb / 12P
   Low Current Consumption Headphone Amplifier (Built-in input selector)
logo
Sanyo Semicon Device
LA4582CM SANYO-LA4582CM Datasheet
143Kb / 6P
   Pre Power Amplifier for 3-V Headphone Stereo Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com