Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA2160FNG Arkusz danych(PDF) 11 Page - Toshiba Semiconductor

Numer części TA2160FNG
Szczegółowy opis  Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2160FNG Arkusz danych(HTML) 11 Page - Toshiba Semiconductor

Back Button TA2160FNG Datasheet HTML 7Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 8Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 9Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 10Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 11Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 12Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 13Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 14Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TA2160FNG
2004-05-11
11
Electrical Characteristics
(unless otherwise specified, VCC = 1.3 V, Ta = 25°C, f = 1 kHz, SW1: a, SW3: a, SW4: a,
SW5: OPEN
Preamplifier stage: Rg
= 2.2 kΩ, RL = 10 kΩ, SW6: a
Power amplifier stage: Rg
= 600 Ω, RL = 32 Ω, SW2: a)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICCQ1
PRE
+ PW
1.6
3.0
ICCQ2
PRE: OFF, SW4: b
1.3
2.4
ICCQ3
VCC = 3 V, PRE + PW,
SW5: ON
3.0
5.5
Quiescent supply current
ICCQ4
VCC = 3 V, PRE: OFF, SW4: b,
SW5: ON
2.7
5.0
mA
ICC1
PRE
+ PW, 0.1 mW/32 Ω × 2 ch
4.6
Power supply current during drive
ICC2
VCC = 3 V, PRE + PW,
0.1 mW/32
Ω × 2 ch, SW5: ON
4.8
mA
Open loop voltage gain
GVO
Vo = −22dBV,
NF resistor (240
Ω): short
65
80
dB
Closed loop voltage gain
GVC
Vo = −22dBV
35
dB
Maximum output voltage
Vom1
THD
= 1%
160
250
mVrms
Total harmonic distortion
THD1
VCC = 1 V, Vo = −22dBV
0.1
0.3
%
Equivalent input noise voltage
Vni
Rg
= 2.2 kΩ, DIN/AUDIO
NAB (GV = 35 dB,f = 1 kHz),
SW6: b
1.5
2.7
µVrms
Cross talk
CT1
Vo = −22dBV
60
dB
Ripple Rejection ratio
RR1
fr = 100 Hz, Vr = −32dBV
BPF
= 100 Hz
70
dB
Preamplifier muting attenuation
ATT1
Vo = −22dBV, SW4: a → b
84
dB
Voltage gain
GV1
Vo = −22dBV
23
25
27
dB
Channel balance
CB
Vo = −22dBV
−1.5
0
+1.5
dB
Po1
VCC = 1.5 V, THD = 10%
3
6
Output power
Po2
VCC = 3 V, THD = 10%,
SW5: ON
8
12
mW
Total harmonic distortion
THD2
Po = 1 mW
0.1
0.5
%
Output noise voltage
Vno
Rg
= 600 Ω, DIN/AUDIO,
SW2: b
30
60
µVrms
Cross talk
CT2
Vo = −22dBV
34
43
dB
Ripple rejection ratio
RR2
VCC = 1 V, fr = 100 Hz,
Vr = −32dBV, BPF = 100 Hz
80
dB
Power amplifier muting
attenuation
ATT2
Vo = −22dBV, SW3: a → b
80
dB
Voltage gain
GV2
f
= 40 Hz, Vin = −64dBV,
SW1: b,
MONI: C-AMP - GND
45
48.5
52
dB
Voltage gain
GV3
f
= 40 Hz, Vin = −47dBV,
SW1: b,
MONI: C-AMP – GND
31
34.5
38
dB
Maximum output voltage
Vom2
f
= 40 Hz, THD = 1%,
SW1: b,
MONI: C-AMP – GND
270
mVrms
Muting attenuation
ATT3
f
= 40 Hz, Vo = −32dBV,
SW1: b
→ a
58
dB
Ripple filter output voltage
VRF OUT
VCC = 1 V, IRF = 20 mA
0.9
0.93
V


Podobny numer części - TA2160FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA2160A TAI-SAW-TA2160A Datasheet
810Kb / 9P
   SAW Filter 1250MHz
logo
Transko Electronics, In...
TA2160AM TRANSKO-TA2160AM Datasheet
425Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: June 2005
TA2160CM TRANSKO-TA2160CM Datasheet
343Kb / 3P
   Wireless, RF SAW Filter
Revision 0: September 2007
TA2160DM TRANSKO-TA2160DM Datasheet
449Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2008
TA2160EM TRANSKO-TA2160EM Datasheet
426Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2008
More results

Podobny opis - TA2160FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
   3 V Stereo Headphone Amplifier (3 V USE)
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
TA2002F TOSHIBA-TA2002F Datasheet
757Kb / 17P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8119P TOSHIBA-TA8119P Datasheet
402Kb / 10P
   STEREO HEADPHONE AMPLIFIER (3V USE)
logo
Sanyo Semicon Device
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA7688F TOSHIBA-TA7688F Datasheet
446Kb / 11P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
logo
Sanyo Semicon Device
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
   1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com