Zakładka z wyszukiwarką danych komponentów |
|
SL1215003-B Arkusz danych(PDF) 1 Page - AMETHERM Circuit Protection Thermistors |
|
SL1215003-B Arkusz danych(HTML) 1 Page - AMETHERM Circuit Protection Thermistors |
|
1 / 1 page DATA SHEET Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670 www.ametherm.com Part Number: SL12 15003 Ordering Different Lead Types: For example: to order an inside kinked lead use part number SL12 15003- A Electrical Specifications: Mechanical Specifications: CSA File Number: #CA118061 Revision Date: March 19, 2003 Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Use -B after Ametherm’s part # Resistance @ 25°C 15.0 Ω ± 20% Max Steady State Current Up to 65 °C 3.0 A Max Recommended Energy Rating (Joules) 40.0 J Actual Failure Point of Instantaneous Energy (Joules) 105.0 J Resistance @ 100% of Max Current 0.220 Ω Resistance @ 50% of Max Current 0.538 Ω Body Temperature @ 100% Current Rating 142 °C Dissipation Constant 13.9mW/°C Thermal Time Constant 54 seconds Material Type “C” Max Recommended Capaciatnce @ 120VAC/240VAC 2700 µF/690µF D 12.0 ± 0.5 mm T 4.5 ± 0.2 mm Lead Diameter 1.0 ± 0.1 mm S 7.8 ± 2.0 mm L 38.0 ± 9.0 mm Straight Leads Coating Run Down See Dimension B Below B 11.5 ± 3.50 mm C 2.82 ± 0.50 mm L OUTSIDE KINKED LEADS S STRAIGHT LEADS B INSIDE KINKED LEADS S S D D D C T |
Podobny numer części - SL1215003-B |
|
Podobny opis - SL1215003-B |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |