Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB03-483.3S Arkusz danych(PDF) 2 Page - Astrodyne Corporation

Numer części SB03-483.3S
Szczegółowy opis  Isolated and Regulated 3 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTRODYNE [Astrodyne Corporation]
Strona internetowa  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SB03-483.3S Arkusz danych(HTML) 2 Page - Astrodyne Corporation

  SB03-483.3S Datasheet HTML 1Page - Astrodyne Corporation SB03-483.3S Datasheet HTML 2Page - Astrodyne Corporation SB03-483.3S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Regulated 3 WATT Modular DC/DC Converters
S B 0 3 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage Ranges:
12 VDC Nominal
9-36 VDC
48 VDC Nominal
18-72 VDC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation
10% to FL
+/- 1%
Line Regulation
(HL-LL)
+/- 0.5%
Temperature Coefficient
+/-0.02%/°C
Ripple/Noise(Single/Dual)
0.7% +70mVp-p max.
Voltage Accuracy
+/- 2%
Short Circuit Protection
Continuous
Efficiency
123.3S, 125D, 483.3S,
485D
75%
125S, 485S,
76%
1212S, 1215S, 1224S,
1212D, 1215D, 4812S
4824S, 4812D, 4815D
79%
GENERAL SPECIFICATIONS
Input-Out Isolation
1600VDC
Isolation Resistance
10-9nth Ohm min.
Switching Frequency
300Khz
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-20 to +60°C(FL)
Storage Temperature
-55 to +105°C *
Cooling
Free Air Convection
PHYSICAL SPECIFICATIONS
Case Material
Nickel-Coated Copper with
Non-Conductive Base
Construction
Fully Encapsulated
Weight
0.9 oz, (25g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Podobny numer części - SB03-483.3S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
SB03-483.3S ASTRODYNE-SB03-483.3S Datasheet
168Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results

Podobny opis - SB03-483.3S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03 Datasheet
224Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
VKC03 ETC2-VKC03 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD03 ASTRODYNE-ASD03 Datasheet
737Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD03 ASTRODYNE-ASD03_16 Datasheet
186Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
PMKC03 ASTRODYNE-PMKC03 Datasheet
155Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
SB03 ASTRODYNE-SB03_16 Datasheet
168Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com