Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB05-243.3S Arkusz danych(PDF) 3 Page - Astrodyne Corporation

Numer części SB05-243.3S
Szczegółowy opis  Isolated and Regulated 5 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTRODYNE [Astrodyne Corporation]
Strona internetowa  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SB05-243.3S Arkusz danych(HTML) 3 Page - Astrodyne Corporation

  SB05-243.3S Datasheet HTML 1Page - Astrodyne Corporation SB05-243.3S Datasheet HTML 2Page - Astrodyne Corporation SB05-243.3S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Isolated and Regulated 5 WATT Modular DC/DC Converters
S B 0 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Pin #
Single Outputs
Dual Outputs
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Common
10
NC
NC
11
NC
- Output
14
+ Output
+ Output
15
NC
NC
16
- Output
Common
22
+Vin
+Vin
23
+Vin
+Vin
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN mm
PIN PITCH TOLERANCE +/- 0.35mm
OUTPUT DERATING CURVE


Podobny numer części - SB05-243.3S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
SB05-243.3S ASTRODYNE-SB05-243.3S Datasheet
388Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
More results

Podobny opis - SB05-243.3S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
FDC05 ASTRODYNE-FDC05_16 Datasheet
201Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
SB05 ASTRODYNE-SB05_16 Datasheet
388Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05 Datasheet
412Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05_16 Datasheet
149Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
FDC05 ASTRODYNE-FDC05 Datasheet
368Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD06 ASTRODYNE-ASD06 Datasheet
732Kb / 3P
   Isolated and Regulated 5-6 WATT Modular DC/DC Converters
ASD06 ASTRODYNE-ASD06_16 Datasheet
192Kb / 3P
   Isolated and Regulated 5-6 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com