Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-25-5 Arkusz danych(PDF) 2 Page - Astrodyne Corporation

Numer części SD-25-5
Szczegółowy opis  25W Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTRODYNE [Astrodyne Corporation]
Strona internetowa  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SD-25-5 Arkusz danych(HTML) 2 Page - Astrodyne Corporation

  SD-25-5 Datasheet HTML 1Page - Astrodyne Corporation SD-25-5 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
s d - 2 5 series
25W Single Output DC-DC Converter
300 Myles standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTROdYNE.COM
Mechanical�Specification
Derating�Curve
Static�Characteristics(SD-25C-24V)
File�Name:SD-25-SPEC���2004-06-30
Case�No.�905�����Unit:mm
AMBIENT�TEMPERATURE�(
)
100
10
0
0
20
40
60
80
-10
-10
20
30
40
50
45
60
55
SD-25A
SD-25B-5
SD-25C-5
SD-25B,C/12,24
INPUT�VOLTAGE�(V)
25
30
35
40
45
50
55
60
65
70
72
350
32
300
28
250
24
200
20
150
16
100
12
50
8
Ta=25
(VERTICAL)
(
)
HORIZONTAL
Terminal�Pin.�No Assignment
1
4
2
3
5
DC�INPUT V-
DC�INPUT V+
DC�OUTPUT -V
DC�OUTPUT +V
FG
1
2
3
4
5
5.5
74
18
6.5
87
98.5
89
4.5
55
20.5
3.5
3.5
3.5
2-M
3
Pin�No.
Pin�No.
Assignment
Assignment
50W�Single�Output�DC-DC�Converter
S D - 2 5 series


Podobny numer części - SD-25-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25 Datasheet
407Kb / 2P
   25W Single Output DC-DC Converter
SD-25 MEANWELL-SD-25 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Molex Electronics Ltd.
SD-25001-001 MOLEX4-SD-25001-001 Datasheet
168Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper
SD-25001-001 MOLEX4-SD-25001-001 Datasheet
168Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon
SD-25001-001 MOLEX4-SD-25001-001 Datasheet
168Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper
More results

Podobny opis - SD-25-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25 Datasheet
407Kb / 2P
   25W Single Output DC-DC Converter
SD-25 MEANWELL-SD-25_10 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
DENSEI-LAMBDA
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W???
PPD3 LAMBDA-PPD3 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W????
PP10-24-5 LAMBDA-PP10-24-5 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
logo
Chinfa Electronics Ind....
TDD25-03S2 CHINFA-TDD25-03S2 Datasheet
334Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25-03S2 CHINFA-TDD25-03S2_10 Datasheet
263Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25 CHINFA-TDD25_14 Datasheet
225Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com