Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL0880003 Arkusz danych(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

Numer części SL0880003
Szczegółowy opis  Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMETHERM [AMETHERM Circuit Protection Thermistors]
Strona internetowa  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL0880003 Arkusz danych(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL0880003 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SL08 80003
Ordering Different Lead Types:
For example: to order an inside kinked lead use part number SL08 10101-01
-A
Electrical Specifications:
Mechanical Specifications:
CSA File #: CA 118061
Revision Date: March 17, 2005
Inside Kinked Leads
Use
-A after Ametherm’s part #
Outside Kinked Leads
Not Available
Resistance @ 25°C
80.0
Ω ± 20%
Max Steady State Current Up to 65°C
3.0 A
Max Recommended Energy Rating (Joules)
8.0 J
Actual Failure Point of Instantaneous Energy (Joules)
16.0 J
Resistance @ 100% of Max Current
0.220
Resistance @ 50% of Max Current
0.625
Body Temperature @ 100% Current Rating
131 °C
Dissipation Constant
7.64mW/°C
Thermal Time Constant
15 seconds
Material Type
"I"
Max Power up to 65°C Ambient
2.00 Watts
D
7.62
± 1.0 mm
T
5.5
± 0.2 mm
Lead Diameter
0.8
± 0.05 mm
S
5.10
± 0.3 mm
L
38.0
± 9.0 mm
Straight Leads
Coating Run Down
5.1
± 0.5 mm
B
5.5
± 0.50 mm
C
3.82
± 1.0 mm
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T


Podobny numer części - SL0880003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Faraday Technology
SL0800A FARADAY-SL0800A Datasheet
41Kb / 3P
   GENERAL PURPOSE VIDEO FILTERS
SL0800J FARADAY-SL0800J Datasheet
43Kb / 3P
   GENERAL PURPOSE VIDEO FILTERS
SL0800JB FARADAY-SL0800JB Datasheet
35Kb / 2P
   8 MHZ BOXED LOWPASS FILTERS
logo
AMETHERM Circuit Protec...
SL0810001 AMETHERM-SL0810001 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0810002 AMETHERM-SL0810002 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
More results

Podobny opis - SL0880003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AMETHERM Circuit Protec...
SL0860002 AMETHERM-SL0860002 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0510001 AMETHERM-SL0510001 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0520002 AMETHERM-SL0520002 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0525001 AMETHERM-SL0525001 Datasheet
32Kb / 2P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0810101-01 AMETHERM-SL0810101-01 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part #Outside Kinked Leads Not Available
SL0510003 AMETHERM-SL0510003 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0512101 AMETHERM-SL0512101 Datasheet
32Kb / 2P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0533101 AMETHERM-SL0533101 Datasheet
32Kb / 2P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0540002 AMETHERM-SL0540002 Datasheet
32Kb / 2P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0810003 AMETHERM-SL0810003 Datasheet
40Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com